Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
−135
−130
−125
−120
−115
−110
−105
−100
−95
10
100
1000
10000
100000
1000000
Load Resistance (
Ω)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−130
−120
−110
−100
−90
−80
−70
−60
−50
10
100
1000
10000
100000
1000000
Switch Output Load Resistance (
Ω)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
−120
−100
−80
−60
−40
−20
0
Digital Attenuation (dB)
G000
0
1
2
3
4
5
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
Switch Input/Output Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
G000
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
G000
0
5
10
15
20
25
30
Switch Differential On Resistance (
Ω)
30 units
G000
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 4.096 MHz, and VREF = 5 V, unless otherwise noted.
THD vs RESISTIVE LOAD
SWITCH THD vs RESISTIVE LOAD
Figure 26.
Figure 27.
DIGITAL GAIN LINEARITY
SWITCH ON-RESISTANCE vs SIGNAL VOLTAGE
Figure 28.
Figure 29.
SWITCH ON-RESISTANCE HISTOGRAM
SWITCH ON-RESISTANCE MATCH vs TEMPERATURE
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com