Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 21Page - Texas Instruments REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments REF5050 Datasheet HTML 27Page - Texas Instruments REF5050 Datasheet HTML 28Page - Texas Instruments REF5050 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
CLK
Operational
Status
t
RSLO
t
RSTM
Reset
RESET/PWDN
Operational
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
RESET/PWDN
The RESET/PWDN is a digital input used to power-down and reset the DAC1282. To power-down the DAC, take
the pin low. In power-down mode, the power consumption is reduced to a device leakage level (see the Electrical
Characteristics table). The signal output and digital pin DOUT enters 3-state and the output switch is driven off.
Note that the digital inputs must remain defined as either logic low or logic high; do not float the inputs. Disable
the CLK input to minimize leakage. To exit the power-down state, take the pin high. The DAC1282 is reset after
power-down mode is exited.
The DAC1282 is reset by taking the RESET/PWDN pin low for a minimum of two fCLK cycles and is then taken
back high. The DAC1282 is held in reset for 2 fCLK cycles; after this time, DAC communications may begin, as
shown in Figure 42 and Table 12.
Figure 42. DAC RESET/PWDN
Table 12. Timing Characteristics for Figure 42
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tRSLO
PWDN/RESET pulse width low for power-down
2
tCLK
tRSTM
PWDN/RESET high to begin operation
2
tCLK
AVDD, AVSS, AND DVDD POWER SUPPLIES
The DAC1282 has two power supplies: analog and digital. The analog supply (AVDD, AVSS) is 5 V and can
either be single 5 V or dual (
±2.5 V). The analog supply should be clean and free from noise and ripple. The
DAC1282 regulates the output common-mode voltage to 0.1 V below the mid-point of the analog supply.
Because the analog supply pins draw signal-dependent current and AVSS (pin 14) is internally shared with the
reference input low, trace resistance between AVSS (pin 14) and the AVSS power supply should be minimized or
degraded performance may result. Therefore, connect the external reference ground terminal close to the device
AVSS terminal using a star connection. This configuration helps to minimize power-supply coupling to the
reference input.
DVDD is the digital supply used to power both the internal digital and the device I/O pins. The allowable range of
DVDD is 1.65 V to 3.6 V.
The power supplies can be sequenced on or off in any order, but the analog or digital inputs should never
exceed AVDD or AVSS, or DVDD, respectively. In such an event, the internal ESD protection diodes may begin
to conduct. The input current must always be limited as specified in the Absolute Maximum Ratings table.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com