Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 18Page - Texas Instruments REF5050 Datasheet HTML 19Page - Texas Instruments REF5050 Datasheet HTML 20Page - Texas Instruments REF5050 Datasheet HTML 21Page - Texas Instruments REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments REF5050 Datasheet HTML 24Page - Texas Instruments REF5050 Datasheet HTML 25Page - Texas Instruments REF5050 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
CLK
t
CLK
t
CPWH
t
CPWL
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
CLOCK INPUT (CLK)
The CLK pin is the master clock input to the DAC1282, nominally 4.096 MHz. As with any high-performance data
converter, a high-quality clock source is essential. A crystal oscillator or low-jitter PLL clock source is
recommended. Make sure to avoid ringing on the input by keeping the trace short and source-terminating
(typically 50
Ω). See the CLK specifications shown in Figure 38 and Table 9.
Figure 38. CLK Timing Requirements
Table 9. Requirements for Figure 38
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCLK
CLK period
235
1000
ns
tCPWH, L
CLK pulse width high or low
95
900
ns
SWITCH CONTROL/EXTERNAL DIGITAL INPUT (SW/TD)
SW/TD is a multi-function digital input pin. The SW/TD function depends on the mode of operation.
SW Function
In sine, dc, and pulse mode, SW/TD controls the output switch. When SW/TD is low, all switches are forced
open, overriding the switch register setting (SW[2:0]). When SW/TD is high, the switch is transparent to the value
of register setting. In power-down mode, the switch is forced open.
TD Function
In digital input mode, SW/TD is the signal input used to drive the DAC. The data input are modulated by
ones-density and are clocked in by the master clock (CLK). When the ones-density is 75% (that is, on average,
three out of four bits are '1'), the differential output voltage is at the positive maximum value. When the
ones-density is 25% (that is, on average, three out of four bits are '0'), the differential output voltage is at the
negative maximum value. When the ones-density is 50% (on average, an equal number of '0's and '1's), the
differential output is zero.
SW/TD is sampled by the DAC1282 at the rate of CLK/16. Therefore, the sampling can have
±8 CLK periods of
uncertainty. SYNC can be used to eliminate the uncertainty by synchronizing the phase of SW/TD to the desired
CLK cycle. Synchronizing the digital input results in a consistent phase of the output signal; see the SYNC
section.
The output range is set by the analog gain bits, GAIN[2:0]; see Table 3. Equation 3 describes the DAC output
versus the bitstream input ones-density. Make sure to avoid ringing on the input by keeping the trace short. In
some cases, source-terminating resistors may be necessary (20
Ω to 50 Ω).
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com