Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 32 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 28Page - Texas Instruments REF5050 Datasheet HTML 29Page - Texas Instruments REF5050 Datasheet HTML 30Page - Texas Instruments REF5050 Datasheet HTML 31Page - Texas Instruments REF5050 Datasheet HTML 32Page - Texas Instruments REF5050 Datasheet HTML 33Page - Texas Instruments REF5050 Datasheet HTML 34Page - Texas Instruments REF5050 Datasheet HTML 35Page - Texas Instruments REF5050 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
REGISTER MAP
DAC1282 operation is controlled through a set of 8-bit registers. Collectively, the registers contain all the
information needed to configure the DAC, such as output frequency and amplitude, output pulse levels, etc.
Table 15 shows the register map.
The default state of the device at power-up, after the RESET pin is taken high or after a RESET command is as
follows:
Sine mode, frequency = 31.25 Hz,
–36-dB output range, 0-dB digital attenuation
Switch state: open
Table 15. Register Map
ADDRESS
REGISTER
DEFAULT
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
GANMOD
xxx11000
ID2
ID1
ID0
GAIN2
GAIN1
GAIN0
MODE1
MODE0
1
SING
00000000
SINEG7
SINEG6
SINEG5
SINEG4
SINEG3
SINEG2
SINEG1
SINEG0
2
SWM
00000000
FREQ
SW2
SW1
SW0
M3
M2
M1
M0
3
N
00000111
N7
N6
N5
N4
N3
N2
N1
N0
4
DCG0
00000000
DCG7
DCG6
DCG5
DCG4
DCG3
DCG2
DCG1
DCG0
5
DCG1
00000000
DCG15
DCG14
DCG13
DCG12
DCG11
DCG10
DCG9
DCG8
6
DCG2
00000000
DCG23
DCG22
DCG21
DCG20
DCG19
DCG18
DCG17
DCG16
7
PULSA
00000000
0
0
0
PULSA4
PULSA3
PULSA2
PULSA1
PULSA0
8
PULSB
00000000
0
0
0
PULSB4
PULSB3
PULSB2
PULSB1
PULSB0
Table 16. GANMOD: Range and Mode Register 0 (Address = 0h)
7
6
5
4
3
2
1
0
ID2
ID1
ID0
GAIN2
GAIN1
GAIN0
MODE1
MODE0
Bits[7:5]
ID[2:0]: Factory-programmed identification bits (read-only)
These bits may change at any time without notification.
Bits[4:2]
GAIN[2:0]: Analog gain (output range)
These bits set the analog gain in the sine, dc, and bitstream modes. The output amplitude is the combination of
the selected range and the digital gain. Sine mode digital gain is programmed by the SINEG register; dc mode
digital gain are the DCG0, DCG1, and DCG2 registers. Pulse mode levels are exclusively controlled by the
PULSA and PULSB registers.
GAIN[2:0]
OUTPUT (dB)
OUTPUT RANGE (V)(1)
000
0
±2.5
001
–6
±1.25
010
–12
±0.625
011
–18
±0.312
100
–24
±0.156
101
–30
±0.078
110 (default)
–36
±0.039
Bits[1:0]
MODE[1:0]: Mode control bits
The mode bits set the mode of operation. When the mode bits are changed, the internal signal generator block
is reset.
00 = Sine mode (default)
01 = DC mode
10 = Digital data mode
11 = Pulse mode
(1)
(Peak-to-peak) full-scale output range, VREF = 5 V. Digital gain = 0 dB.
32
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com