Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 3Page - Texas Instruments REF5050 Datasheet HTML 4Page - Texas Instruments REF5050 Datasheet HTML 5Page - Texas Instruments REF5050 Datasheet HTML 6Page - Texas Instruments REF5050 Datasheet HTML 7Page - Texas Instruments REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
DIHD
t
CSH
t
CSDOD
t
DIST
t
SPWH
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
B7
B6
B5
B4
B3
B2
B1
B0
B7
t
SCCS
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING
At TA = –40°C to +85°C and DVDD = 1.65 V to 3.6 V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCSSC
CS low to first SCLK: setup time(1)
30
ns
tSCLK
SCLK period
120
ns
tSPWH
SCLK pulse width: high
50
ns
50
ns
tSPWL
SCLK pulse width: low(2)
218
tCLK
tDIST
Valid DIN to SCLK high: setup time
40
ns
tDIHD
Valid DIN to SCLK high: hold time
20
ns
tDOPD
SCLK low to valid new DOUT: propagation delay(3)
40
ns
tDOHD
SCLK low to DOUT invalid: hold time
0
ns
tCSDOD
CS low to DOUT driven: propagation delay(3)
40
ns
tCSDOZ
CS high to DOUT Hi-Z: propagation delay
20
ns
tCSH
CS high pulse
50
ns
tSCCS
Last SCLK falling edge to CS high
0
ns
(1)
CS can be tied low.
(2)
Holding SCLK low longer than 218 fCLK cycles resets the SPI interface.
(3)
DOUT load = 20 pF || 100 k
Ω to DGND.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com