Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 6Page - Texas Instruments REF5050 Datasheet HTML 7Page - Texas Instruments REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
−130
−125
−120
−115
−110
−105
−100
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
90
95
100
105
110
115
120
125
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−130
−125
−120
−115
−110
−105
0.1
1
10
100
1000
Signal Frequency (Hz)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
95
100
105
110
115
120
125
130
0.1
1
10
100
1000
Signal Frequency (Hz)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−140
−120
−100
−80
−60
−40
−20
0
−120
−100
−80
−60
−40
−20
0
Signal Amplitude (dB)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
0
20
40
60
80
100
120
−120
−100
−80
−60
−40
−20
0
Signal Amplitude (dB)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 4.096 MHz, and VREF = 5 V, unless otherwise noted.
THD vs TEMPERATURE
SNR vs TEMPERATURE
Figure 14.
Figure 15.
THD vs SIGNAL FREQUENCY
SNR vs SIGNAL FREQUENCY
Figure 16.
Figure 17.
THD vs SIGNAL AMPLITUDE
SNR vs SIGNAL AMPLITUDE
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com