Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments REF5050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Main
DAC
Serial
Interface
CS
SCLK
DIN
DOUT
Sine Wave
Generator
24-Bit
DC Register
Pulse
Registers
Digital
Modulator
CLK
RESET/PWDN
SYNC
SW/TD
Pulse
DAC
Differential
Switch
Synchronization
SYNC
Current
Generator
Analog Gain Control
Switch Control/Bitstream Input
VOUTP
VOUTN
CAPP
SWOUTP
SWOUTN
SWINN
SWINP
DVDD
AVDD
DGND
DAC1282
VREF
CAPN
AVSS
Buffer
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
OVERVIEW
The DAC1282 is a single-chip, digital-to-analog converter (DAC) that self-generates low-distortion sine-wave and
pulse-output signals for the demanding testing requirements of seismic recording equipment. Figure 32 shows
the block diagram of the DAC1282.
The DAC1282 requires two supply voltages: analog and digital. The analog supply can be single 5 V or bipolar
±2.5 V. The digital supply range is 1.65 V to 3.6V. The output signal common-mode voltage is regulated to
100 mV below the midpoint of the analog power-supply voltage. An internal power-on reset (POR) circuit resets
the DAC on power-up.
An SPI
™-compatible serial interface is used to access the DAC1282 registers for device configuration and
control. The configuration registers can be read back by clocking the data out on the DOUT pin. The DAC1282
voltage output is fully differential and is taken out on the VOUTP/VOUTN pins. The CAPP/CAPN pins connect to
external filter capacitors to reduce the output noise.
The reference input voltage sets the DAC1282 full-scale output. The DAC reference voltage is applied between
the VREF and AVSS pins. The DAC is optimized to operate with a 5-V reference. The sine-wave generator is
programmable by registers to set the sine frequency and amplitude. The frequency range is programmable from
0.4883 Hz to 250 Hz. The output level is controlled by both analog gain (in 6-dB steps), and digital gain (in
0.5-dB steps).
Figure 32. DAC1282 Block Diagram
The digital modulator takes the output from the sine-wave generator or the 24-bit dc register to generate the
ones-density bitstream. The bitstream drives the main DAC. Optionally, ones-density data can be input to drive
the DAC directly, bypasses the digital signal generator. The main DAC develops a differential output current that
is converted to a differential output voltage by an internal current-to-voltage (I/V) amplifier. The output range is
set by analog gain that scales the DAC current generator. The output amplifier provides current limit protection.
The dc mode is programmed by a 24-bit register and is used to provide a dc output. The dc mode also has
programmable ranges controlled by the analog gain control.
In Pulse mode, a fast-response, 5-bit pulse DAC is used to provide 31 preset dc levels. The levels span over the
available output ranges. The pulse DAC is optimized to provide fast response with short output rise times. The
pulse DAC is triggered by the SYNC pin for precision control of the pulse time.
The DAC1282 includes a low distortion differential output switch. The output switch can connect the DAC1282
output to sensors for THD and impulse testing. The switch is controlled by either pin or command, thus allowing
precise switch timing.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com