Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments REF5050 Datasheet HTML 17Page - Texas Instruments REF5050 Datasheet HTML 18Page - Texas Instruments REF5050 Datasheet HTML 19Page - Texas Instruments REF5050 Datasheet HTML 20Page - Texas Instruments REF5050 Datasheet HTML 21Page - Texas Instruments REF5050 Datasheet HTML 22Page - Texas Instruments REF5050 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
5 V
Reference
0.1 µF
(1)
VREF
AVSS (14)
+V
-2.5 V
220 k
Power-down
Switch
Internal
Circuitry
AVSS (23)
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
The DAC1282 filters the digital data (bitstream) input providing a voltage output proportional to the bitstream
ones-density. The GAIN[2:0] register sets the analog gain in 6-dB steps, from 0 dB to
–36 dB (1/1 to 1/64); see
the SYNC section for the external timing requirements. Table 7 lists several values of the external bitstream
input.
Table 7. External Bitstream Input
ONES-DENSITY BITSTREAM (%)
VOUTP
– VOUTN (V)(1)
25
–2.5 × Gain
37.5
–1.25 × Gain
50
0
62.5
+1.25
× Gain
75
+2.5
× Gain
(1)
VREF = 5 V. Gain is the analog gain, programmable from 1/1 to 1/64 (0 dB to –36 dB).
REFERENCE VOLTAGE (VREF)
The DAC1282 requires an external reference for operation. Although reference voltage as low as 2.5 V can be
used, best SNR is achieved with a 5-V reference. The reference input is defined as the voltage difference
between VREF and AVSS (that is, VREF = VREF – AVSS). The DAC1282 output scales with VREF; consequently,
reference noise or drift appears on the DAC output. Excessive reference noise may lead to degraded SNR. A
low-drift and low-noise reference is recommended.
Connect the external reference ground pin directly to the AVSS pins using a star connector to AVSS pin 14. Star
connection minimizes the possibility of power-supply crosstalk. Also, connect a 0.1-
µF capacitor close to the
VREF and AVSS terminals to reduce noise susceptibility. Figure 35 shows the reference connection. The
reference input impedance is 220 k
Ω. In power-down the switch is off, resulting in very high input impedance. For
single-supply applications, connect AVSS to a clean analog ground point.
(1) Recommended bypass capacitor.
Figure 35. Reference Input Connection
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com