Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 1 Page - Texas Instruments

  REF5050 Datasheet HTML 1Page - Texas Instruments REF5050 Datasheet HTML 2Page - Texas Instruments REF5050 Datasheet HTML 3Page - Texas Instruments REF5050 Datasheet HTML 4Page - Texas Instruments REF5050 Datasheet HTML 5Page - Texas Instruments REF5050 Datasheet HTML 6Page - Texas Instruments REF5050 Datasheet HTML 7Page - Texas Instruments REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Digital
Signal
Generator
Serial
Interface
VREF
DVDD
AVDD
DGND
AVSS
CLK
SW/TD
SYNC
CS
DIN
DOUT
SCLK
PWDN
RESET/
DAC1282
Voltage
Output
DAC
VOUTN
VOUTP
Switch In
Optional Bitstream Input
Switch Out
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
Check for Samples: DAC1282
1
FEATURES
DESCRIPTION
The DAC1282 is a fully-integrated digital-to-analog
23
•
Single-Chip Test Signal Generator
converter (DAC) providing low distortion, digital
•
Buffered Voltage Output
synthesized voltage output suitable for testing of
•
High Performance:
seismic equipment. The DAC1282 achieves very high
performance in a small package with low power.
– THD: –125 dB (G = 1/1 to 1/8)
Together, with the high-performance ADS1281 and
– SNR: 120 dB (413 Hz BW, G = 1/1)
ADS1282 analog-to-digital converters (ADCs), these
•
Analog and Digital Gain Control
devices create a measurement system that meets the
exacting
demands
of
seismic
data
acquisition
•
Output Frequency: 0.488 Hz to 250 Hz
equipment.
•
Sine, Pulse, and DC Modes
The DAC1282 integrates a digital signal generator, a
•
Digital Data Input Mode
DAC, and an output amplifier providing sine wave, dc,
•
Low On-Resistance Signal Switch
and pulse output voltages.
•
Sync Input
The output frequency is programmable from 0.5 Hz to
•
Power-Down Mode
250 Hz and the magnitude is scaled by both analog
•
Analog Supply: 5 V or
±2.5 V
and digital control. The analog gain is adjustable in
6-dB steps and the digital gain in 0.5-dB steps. The
•
Digital Supply: 1.8 V to 3.3 V
analog gain settings match those of the ADS1282 for
•
Power: 38 mW
testing at all gains with high resolution.
•
Package: TSSOP-24
The DAC1282 also provides pulse outputs. The pulse
•
Operating Range:
–50°C to +125°C
amplitude is user-programmed and then selected by
the pin for precise timing. Custom output signals can
APPLICATIONS
be generated by applying an external bitstream
pattern.
•
Energy Exploration
•
Seismic Monitoring Systems
A signal switch can be used to connect the DAC
output to sensors for THD and impulse testing. The
•
High-Accuracy Instrumentation
switch timing is controlled by pin and by command.
A SYNC pin synchronizes the DAC output to the
analog-to-digital converter (ADC) sample interval. A
power-down input disables the device, reducing
power consumption to microwatts.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5050

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5050 BURR-BROWN-REF5050 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050 BURR-BROWN-REF5050 Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5050 TI-REF5050 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050 TI-REF5050 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050 TI-REF5050 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
More results

Similar Description - REF5050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
Low Power Analog to Digital Converter
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
Very Low Distortion Digital-to-Analog Converter for Seismic Applications
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
Low Distortion Digital-to-Analog Converter for Seismic Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com