Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 35 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 31Page - Texas Instruments REF5050 Datasheet HTML 32Page - Texas Instruments REF5050 Datasheet HTML 33Page - Texas Instruments REF5050 Datasheet HTML 34Page - Texas Instruments REF5050 Datasheet HTML 35Page - Texas Instruments REF5050 Datasheet HTML 36Page - Texas Instruments REF5050 Datasheet HTML 37Page - Texas Instruments REF5050 Datasheet HTML 38Page - Texas Instruments REF5050 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
DGND
SWOUTN SWOUTP
SWINP SWINN
DVDD
AVDD
(24)
AVDD
(13)
VREF
REF5050
REF5045
Controller
4.096 MHz
50
0.1 µF
100 µF
1 µF
+V
+2.5 V
+3.3 V
Output
CAPN
CAPP
C
1 nF C0G
1
C
1 nF C0G
2
VOUTP
VOUTN
Switched Output
CLK
CS
SCLK
DIN
DOUT
SYNC
SW/TD
RESET/PWDN
50
50
50
R
50
1
R
50
2
1 µF
DAC1282
AVSS
(14)
-2.5 V
1 µF
AVSS
(23)
1 µF
NR
4.7 µF
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
APPLICATION INFORMATION
BASIC CONNECTION
Figure 50 shows the basic DAC1282 connection. Bipolar analog supplies are shown (
±2.5 V). Single-supply
operation is also possible with AVDD = 5 V and AVSS = GND. The digital supply range is 1.65 V to 3.6 V.
A low-noise, low-drift reference is recommended for best performance, such as the REF5050 (+5 V) and
REF5045 (+4.5 V). Best signal-to-noise ratio is achieved with a 5-V reference, although a 4.5-V reference
(REF5045) can be used with 1-dB loss in SNR. The 4.5-V reference can be operated from a 5-V supply. AVSS
(pin 14) is the key reference ground point and should be connected to the reference ground terminal using a star
connection. C1 and C2 are the required 1-nF output filter capacitors. The capacitors should be of the low
volt-coefficient type (such as a COG ceramic or similar) and placed close to the device pins. Output resistors, R1
and R2, decouple the DAC to ensure best performnace when driving capacitive loads. The output is shown
routed to the signal switch, providing a second, switched DAC output.
Figure 50. Basic Connection
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com