Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments REF5050 Datasheet HTML 16Page - Texas Instruments REF5050 Datasheet HTML 17Page - Texas Instruments REF5050 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
4-Bit
Counter
Reset
D
SYNC
CLK
CLK/16
Reset
Digital
Modulator
SW/TD
D
Reset
Current
Generator
Current Taps
Tap
Control
Common-Mode
Current
Amplifier
Summing
Nodes
AVDD
VREF
AVSS
Sine Wave
Table
Digital
Data
Mux
...
...
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
The SYNC input synchronizes the output signal to a known time reference. In sine mode, SYNC resets the sine
wave to the zero crossing. In Pulse mode, SYNC selects one of two user-programmed dc levels.
The RESET/PWDN pin powers down the device when low. When RESET/PWDN is released high, the DAC1282
is reset.
The SW/TD input is dual function. In digital data mode, the pin is the ones-density data input. In the other modes,
SW/TD controls the opening/closing of the switch.
Figure 33 shows the main details of the main DAC. The main DAC provides the digital-to-analog conversion by
filtering the ones-density digital data. In operation, the current generator establishes the range current that is
mirrored to a multi-tap, current-steering filter stage. The current generator is controlled by the analog gain control
register that scales the weight of the tap currents to one of seven ranges (0 dB to
–36 dB).
The current-steering stage switches the tap currents to the positive or negative current summing nodes, as the
digital input is sampled. A higher ones-density directs an increasing average current to one node than the other,
thus increasing the differential current. The differential current is converted to differential voltage by the internal
I/V converter stage. The common-mode current sources balance the current at the amplifier summing node.
Figure 33. Main DAC Block Diagram
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com