Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 2Page - Texas Instruments REF5050 Datasheet HTML 3Page - Texas Instruments REF5050 Datasheet HTML 4Page - Texas Instruments REF5050 Datasheet HTML 5Page - Texas Instruments REF5050 Datasheet HTML 6Page - Texas Instruments REF5050 Datasheet HTML 7Page - Texas Instruments REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CS
SCLK
DIN
DOUT
DVDD
DGND
CLK
SW/TD
SYNC
RESET/PWDN
DGND
VREF
AVDD
AVSS
CAPP
VOUTP
SWINP
SWOUTP
SWOUTN
SWINN
VOUTN
CAPN
AVSS
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
PIN CONFIGURATION
PW PACKAGE
TSSOP-24
(TOP VIEW)
DAC1282 Terminal Functions
PIN NAME
PIN #
FUNCTION
DESCRIPTION
AVDD
13, 24
Analog supply
Analog positive power supply
AVSS
14
Analog supply
Analog negative power supply, reference ground
AVSS
23
Analog supply
Analog negative power supply
CAPN
15
Analog
External capacitor connected to VOUTN
CAPP
22
Analog
External capacitor connected to VOUTP
CS
1
Digital input
Serial port chip select
CLK
7
Digital input
Master clock 4.096 MHz
DGND
6
Ground
Key digital ground
DGND
11
Ground
Digital ground
DIN
3
Digital input
Serial port data input
DOUT
4
Digital output
Serial port data output
DVDD
5
Digital supply
Digital power supply: 1.65 V to 3.6 V
RESET/PWDN
10
Digital input
Reset/power-down input
SCLK
2
Digital input
Serial port shift clock
SW/TD
8
Digital input
Switch control input or bitstream input
SWINN
17
Analog I/O
Switch negative input
SWINP
20
Analog I/O
Switch positive input
SWOUTN
18
Analog I/O
Switch negative output
SWOUTP
19
Analog I/O
Switch positive output
SYNC
9
Digital input
Synchronize input
VOUTN
16
Analog output
Negative voltage output
VOUTP
21
Analog output
Positive voltage output
VREF
12
Analog input
Reference voltage input
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com