Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5050 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF5050
Description  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5050 Datasheet HTML 7Page - Texas Instruments REF5050 Datasheet HTML 8Page - Texas Instruments REF5050 Datasheet HTML 9Page - Texas Instruments REF5050 Datasheet HTML 10Page - Texas Instruments REF5050 Datasheet HTML 11Page - Texas Instruments REF5050 Datasheet HTML 12Page - Texas Instruments REF5050 Datasheet HTML 13Page - Texas Instruments REF5050 Datasheet HTML 14Page - Texas Instruments REF5050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
−135
−130
−125
−120
−115
−110
−105
−100
−95
−90
1
1.5
2
2.5
3
3.5
4
4.5
CLK (MHz)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
95
100
105
110
115
120
125
130
135
1
1.5
2
2.5
3
3.5
4
4.5
Clock (MHz)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−135
−130
−125
−120
−115
−110
−105
−100
−95
−90
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
95
100
105
110
115
120
125
130
135
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
G000
−130
−125
−120
−115
−110
−105
0
5
10
15
20
25
30
35
40
Total Harmonic Distortion (dB)
Gain = 1/1...1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
30 Units
G000
0
1
2
3
4
5
6
7
8
−55
−35
−15
5
25
45
65
85
105
125
Temperature (°C)
Gain = 1/1
Gain = 1/2
Gain = 1/4
Gain = 1/8
Gain = 1/16
Gain = 1/32
Gain = 1/64
DVDD
G000
DAC1282
www.ti.com
SBAS490
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 4.096 MHz, and VREF = 5 V, unless otherwise noted.
THD vs MASTER CLOCK FREQUENCY
SNR vs MASTER CLOCK FREQUENCY
Figure 20.
Figure 21.
THD vs REFERENCE VOLTAGE
SNR vs REFERENCE VOLTAGE
Figure 22.
Figure 23.
THD HISTOGRAM
POWER-SUPPLY CURRENT vs TEMPERATURE
Figure 24.
Figure 25.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com