Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
MMA8452Q
Sensors
22
Freescale Semiconductor, Inc.
0x0D: WHO_AM_I Device ID Register
The device identification register identifies the part. The default value is 0x2A. This value is factory programmed. Consult the
factory for custom alternate values.
0x0E: XYZ_DATA_CFG Register
The XYZ_DATA_CFG register sets the dynamic range and sets the high-pass filter for the output data. When the HPF_OUT
bit is set. The data registers 0x01 - 0x06 will contain high-pass filtered data when this bit is set.
The default full scale value range is 2g and the high-pass filter is disabled.
0x0F: HP_FILTER_CUTOFF High-Pass Filter Register
This register sets the high-pass filter cutoff frequency for removal of the offset and slower changing acceleration data. The
output of this filter is indicated by the data registers (0x01-0x06) when bit 4 (HPF_OUT) of Register 0x0E is set. The filter cutoff
options change based on the data rate selected as shown in Table 18. For details of implementation on the high-pass filter, refer
to Freescale application note AN4071.
0x0D: WHO_AM_I Device ID Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
010
1
0
1
0
0x0E: XYZ_DATA_CFG (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
HPF_OUT
0
0
FS1
FS0
Table 15. XYZ Data Configuration Descriptions
HPF_OUT
Enable High-Pass output data 1 = output data high-pass filtered. Default value: 0
FS[1:0]
Output buffer data format full scale. Default value: 00 (2g).
Table 16. Full Scale Range
FS1
FS0
Full Scale Range
00
2
01
4
10
8
11
Reserved
0x0F: HP_FILTER_CUTOFF: High-Pass Filter Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
Pulse_HPF_BYP Pulse_LPF_EN
0
0
SEL1
SEL0
Table 17. High-Pass Filter Cutoff Register Descriptions
Pulse_HPF_BYP
Bypass High-Pass Filter for Pulse Processing Function.
0: HPF enabled for Pulse Processing, 1: HPF Bypassed for Pulse Processing
Default value: 0.
Pulse_LPF_EN
Enable Low-Pass Filter for Pulse Processing Function.
0: LPF disabled for Pulse Processing, 1: LPF Enabled for Pulse Processing
Default value: 0.
SEL[1:0]
HPF Cutoff frequency selection.
Default value: 00 (see
Table 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com