Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
MMA8452Q
Sensors
6
Freescale Semiconductor, Inc.
2
Mechanical and Electrical Specifications
2.1
Mechanical Characteristics
Table 2. Mechanical Characteristics @ VDD = 2.5V, VDDIO = 1.8V, T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Measurement Range(1)
1. Dynamic Range is limited to 4g when the Low-Noise bit in Register 0x2A, bit 2 is set.
FS[1:0] set to 00
2g Mode
FS
±2
g
FS[1:0] set to 01
4g Mode
±4
FS[1:0] set to 10
8g Mode
±8
Sensitivity
FS[1:0] set to 00
2g Mode
So
1024
counts/g
FS[1:0] set to 01
4g Mode
512
FS[1:0] set to 10
8g Mode
256
Sensitivity Accuracy(2)
2. Sensitivity remains in spec as stated, but changing Oversampling mode to Low Power causes 3% sensitivity shift. This behavior is also seen
when changing from 800 Hz to any other data rate in the Normal, Low Noise + Low Power or High Resolution mode.
Soa
±2.64
%
Sensitivity Change vs. Temperature
FS[1:0] set to 00
2g Mode
TCSo
±0.008
%/°C
FS[1:0] set to 01
4g Mode
FS[1:0] set to 10
8g Mode
Zero-g Level Offset Accuracy(3)
3. Before board mount.
FS[1:0] 2g, 4g, 8g
TyOff
±17
mg
Zero-g Level Offset Accuracy Post Board Mount(4)
4. Post Board Mount Offset Specifications are based on an 8 Layer PCB, relative to 25°C.
FS[1:0] 2g, 4g, 8g
TyOffPBM
±20
mg
Zero-g Level Change vs. Temperature
-40°C to 85°C
TCOff
±0.15
mg/°C
Self-Test Output Change(5)
X
Y
Z
5. Self-Test is one direction only.
FS[1:0] set to 0
4g Mode
Vst
+181
+255
+1680
LSB
ODR Accuracy
2 MHz Clock
±2
%
Output Data Bandwidth
BW
ODR/3
ODR/2
Hz
Output Noise
Normal Mode ODR = 400 Hz
Noise
126
µg/
√Hz
Output Noise Low-Noise Mode(1)
Normal Mode ODR = 400 Hz
Noise
99
µg/
√Hz
Operating Temperature Range
Top
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com