Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
11
5
Functionality
The MMA8452Q is a low-power, digital output 3-axis linear accelerometer with a I
2C interface and embedded logic used to
detect events and notify an external microprocessor over interrupt lines. The functionality includes the following:
•
8-bit or 12-bit data which includes High-Pass Filtered data
•
4 different oversampling options for compromising between resolution and current consumption based on application
requirements
•
Additional Low-Noise mode that functions independently of the Oversampling modes for higher resolution
•
Low-Power and Auto-WAKE/SLEEP for conservation of current consumption
•
Single-/Double-pulse with directional information 1 channel
•
Motion detection with directional information or Freefall 1 channel
•
Transient detection based on a high-pass filter and settable threshold for detecting the change in acceleration above a
threshold with directional information 1 channel
•
Portrait/Landscape detection with trip points fixed at 30° and 60° for smooth transitions between orientations.
All functionality is available in 2g, 4g or 8g dynamic ranges. There are many configuration settings for enabling all the different
functions. Separate application notes have been provided to help configure the device for each embedded functionality.
Table 8. Features of the MMA845xQ devices
Feature List
MMA8451
MMA8452
MMA8453
Digital Resolution (Bits)
14
12
10
Digital Sensitivity (Counts/g)
4096
1024
256
Data-Ready Interrupt
Yes
Yes
Yes
Single-Pulse Interrupt
Yes
Yes
Yes
Double-Pulse Interrupt
Yes
Yes
Yes
Directional-Pulse Interrupt
Yes
Yes
Yes
Auto-WAKE
Yes
Yes
Yes
Auto-SLEEP
Yes
Yes
Yes
Freefall Interrupt
Yes
Yes
Yes
32 Level FIFO
Yes
No
No
High-Pass Filter
Yes
Yes
Yes
Low-Pass Filter
Yes
Yes
Yes
Orientation Detection Portrait/Landscape = 30°, Landscape to Portrait = 60°,
and Fixed 45° Threshold
Yes
Yes
Yes
Programmable Orientation Detection
Yes
No
No
Motion Interrupt with Direction
Yes
Yes
Yes
Transient Detection with High-Pass Filter
Yes
Yes
Yes
Low-Power Mode
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com