Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
41
Table 66. MMA8452Q Register Map
Reg
Name
Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
STATUS
Data Status R
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
01
OUT_X_MSB
12-bit X Data R
XD9
XD8
XD7
XD6
XD5
XD4
XD3
XD2
02
OUT_X_LSB
12-bit X Data R
XD1
XD0
0
0
0
0
0
0
03
OUT_Y_MSB
12-bit Y Data R
YD9
YD8
YD7
YD6
YD5
YD4
YD3
YD2
04
OUT_Y_LSB
12-bit Y Data R
YD1
YD0
0
0
0
0
0
0
05
OUT_Z_MSB
12-bit Z Data R
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
06
OUT_Z_LSB
12-bit Z Data R
ZD1
ZD0
0
0
0
0
0
0
0B
SYSMOD
System Mode R
0
0
0
0
0
0
SYSMOD1
SYSMOD0
0C
INT_SOURCE
Interrupt Status R
SRC_ASLP
0
SRC_TRANS
SRC_LNDPRT
SRC_PULSE
SRC_FF_MT
0
SRC_DRDY
0D
WHO_AM_I
ID Register R
0
0
1
0
1
0
1
0
0E
XYZ_DATA_CFG
Data Config R/W
0
0
0
HPF_OUT
0
0
FS1
FS0
0F
HP_FILTER_CUTOFF
HP Filter Setting R/W
0
0
Pulse_HPF_BYP
Pulse_LPF_EN
0
0
SEL1
SEL0
10
PL_STATUS
PL Status R
NEWLP
LO
0
0
0
LAPO[1]
LAPO[0]
BAFRO
11
PL_CFG
PL Configuration R/W
DBCNTM
PL_EN
0
0
0
0
0
0
12
PL_COUNT
PL DEBOUNCE R/W
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
13
PL_BF_ZCOMP
PL Back/Front Z Comp
R
BKFR[1]
BKFR[0]
0
0
0
ZLOCK[2]
ZLOCK[1]
ZLOCK[0]
14
P_L_THS_REG
PL THRESHOLD R
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
HYS[2]
HYS[1]
HYS[0]
15
FF_MT_CFG
Freefall/Motion Config
R/W
ELE
OAE
ZEFE
YEFE
XEFE
0
0
0
16
FF_MT_SRC
Freefall/Motion Source
R
EA
0
ZHE
ZHP
YHE
YHP
XHE
XHP
17
FF_MT_THS
Freefall/Motion
Threshold
R/W
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
18
FF_MT_COUNT
Freefall/Motion
Debounce
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1D
TRANSIENT_CFG
Transient Config R/W
0
0
0
ELE
ZTEFE
YTEFE
XTEFE
HPF_BYP
1E
TRANSIENT_SRC
Transient Source R
0
EA
ZTRANSE
Z_Trans_Pol
YTRANSE
Y_Trans_Pol
XTRANSE
X_Trans_Pol
1F
TRANSIENT_THS
Transient Threshold R/W
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
20
TRANSIENT_COUNT
Transient Debounce
R/W
D7
D6
D5
D4
D3
D2
D1
D0
21
PULSE_CFG
Pulse Config R/W
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
22
PULSE_SRC
Pulse Source R
EA
AxZ
AxY
AxX
DPE
Pol_Z
Pol_Y
Pol_X
23
PULSE_THSX
Pulse X Threshold R/W
0
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
24
PULSE_THSY
Pulse Y Threshold R/W
0
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
25
PULSE_THSZ
Pulse Z Threshold R/W
0
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
26
PULSE_TMLT
Pulse First Timer R/W
TMLT7
TMLT6
TMLT5
TMLT4
TMLT3
TMLT2
TMLT1
TMLT0
27
PULSE_LTCY
Pulse Latency R/W
LTCY7
LTCY6
LTCY5
LTCY4
LTCY3
LTCY2
LTCY1
LTCY0
28
PULSE_WIND
Pulse 2nd Window
R/W
WIND7
WIND6
WIND5
WIND4
WIND3
WIND2
WIND1
WIND0
29
ASLP_COUNT
Auto-SLEEP Counter
R/W
D7
D6
D5
D4
D3
D2
D1
D0
2A
CTRL_REG1
Control Reg1 R/W
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
LNOISE
F_READ
ACTIVE
2B
CTRL_REG2
Control Reg2 R/W
ST
RST
0
SMODS1
SMODS0
SLPE
MODS1
MODS0
2C
CTRL_REG3
Control Reg3
(WAKE Interrupts from
SLEEP) R/W
0
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE
WAKE_FF_MT
0
IPOL
PP_OD
2D
CTRL_REG4
Control Reg4
(Interrupt Enable Map)
R/W
INT_EN_ASLP
0
INT_EN_TRANS
INT_EN_LNDPRT
INT_EN_PULSE
INT_EN_FF_MT
0
INT_EN_DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com