Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
27
This register keeps track of the acceleration event which is triggering (or has triggered, in case of ELE bit in FF_MT_CFG
register being set to 1) the event flag. In particular EA is set to a logic ‘1’ when the logical combination of acceleration events
flags specified in FF_MT_CFG register is true. This bit is used in combination with the values in INT_EN_FF_MT and
INT_CFG_FF_MT register bits to generate the freefall/motion interrupts.
An X,Y, or Z motion is true when the acceleration value of the X or Y or Z channel is higher than the preset threshold value
defined in the FF_MT_THS register.
Conversely an X, Y, and Z low event is true when the acceleration value of the X and Y and Z channel is lower than or equal
to the preset threshold value defined in the FF_MT_THS register.
0x17: FF_MT_THS Freefall and Motion Threshold Register
The threshold resolution is 0.063g/LSB and the threshold register has a range of 0 to 127 counts. The maximum range is to
8g. Note that even when the full scale value is set to 2g or 4g the motion detects up to 8g. If the Low-Noise bit is set in Register
0x2A then the maximum threshold will be limited to 4g regardless of the full scale range.
DBCNTM bit configures the way in which the debounce counter is reset when the inertial event of interest is momentarily not
true.
When DBCNTM bit is a logic ‘1’, the debounce counter is cleared to 0 whenever the inertial event of interest is no longer true
as shown in Figure 13, (b). While the DBCNTM bit is set to logic ‘0’ the debounce counter is decremented by 1 whenever the
inertial event of interest is no longer true (Figure 13, (c)) until the debounce counter reaches 0 or the inertial event of interest
becomes active.
Decrementing the debounce counter acts as a median enabling the system to filter out irregular spurious events which might
impede the detection of inertial events.
Table 27. Freefall/Motion Source Description
EA
Event Active Flag. Default value: 0.
0: No event flag has been asserted; 1: one or more event flag has been asserted.
See the description of the OAE bit to determine the effect of the 3-axis event flags on the EA bit.
ZHE
Z Motion Flag. Default value: 0.
0: No Z Motion event detected, 1: Z Motion has been detected
This bit reads always zero if the ZEFE control bit is set to zero
ZHP
Z Motion Polarity Flag. Default value: 0.
0: Z event was Positive g, 1: Z event was Negative g
This bit read always zero if the ZEFE control bit is set to zero
YHE
Y Motion Flag. Default value: 0.
0: No Y Motion event detected, 1: Y Motion has been detected
This bit read always zero if the YEFE control bit is set to zero
YHP
Y Motion Polarity Flag. Default value: 0
0: Y event detected was Positive g, 1: Y event was Negative g
This bit reads always zero if the YEFE control bit is set to zero
XHE
X Motion Flag. Default value: 0
0: No X Motion event detected, 1: X Motion has been detected
This bit reads always zero if the XEFE control bit is set to zero
XHP
X Motion Polarity Flag. Default value: 0
0: X event was Positive g, 1: X event was Negative g
This bit reads always zero if the XEFE control bit is set to zero
0x17: FF_MT_THS Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 28. FF_MT_THS Description
DBCNTM
Debounce counter mode selection. Default value: 0.
0: increments or decrements debounce, 1: increments or clears counter.
THS[6:0]
Freefall /Motion Threshold: Default value: 000_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com