Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
MMA8452Q
Sensors
34
Freescale Semiconductor, Inc.
0x27: PULSE_LTCY Pulse Latency Timer Register
The bits LTCY7 through LTCY0 define the time interval that starts after the first pulse detection. During this time interval, all
pulses are ignored. Note: This timer must be set for single pulse and for double pulse.
The minimum time step for the pulse latency is defined in Table 45 and Table 46. The maximum time is the time step at the ODR
and Oversampling mode multiplied by 255. The timing also changes when the Pulse LPF is enabled or disabled.
Table 43. Time Step for PULSE Time Limit (Reg 0x0F) Pulse_LPF_EN = 0
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.159
0.159
0.159
0.159
0.625
0.625
0.625
0.625
400
0.159
0.159
0.159
0.319
0.625
0.625
0.625
1.25
200
0.319
0.319
0.159
0.638
1.25
1.25
0.625
2.5
100
0.638
0.638
0.159
1.28
2.5
2.5
0.625
5
50
1.28
1.28
0.159
2.55
5
5
0.625
10
12.5
1.28
5.1
0.159
10.2
5
20
0.625
40
6.25
1.28
5.1
0.159
10.2
5
20
0.625
40
1.56
1.28
5.1
0.159
10.2
5
20
0.625
40
0x27: PULSE_LTCY Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LTCY7
LTCY6
LTCY5
LTCY4
LTCY3
LTCY2
LTCY1
LTCY0
Table 44. PULSE_LTCY Description
LTCY[7:0]
Latency Time Limit. Default value: 0000_0000
Table 45. Time Step for PULSE Latency @ ODR and Power Mode (Reg 0x0F) Pulse_LPF_EN = 1
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
400
1.276
1.276
1.276
1.276
5555
200
2.56
2.56
1.276
2.56
10
10
5
10
100
5.1
5.1
1.276
5.1
20
20
5
20
50
10.2
10.2
1.276
10.2
40
40
5
40
12.5
10.2
40.8
1.276
40.8
40
160
5
160
6.25
10.2
40.8
1.276
81.6
40
160
5
320
1.56
10.2
40.8
1.276
81.6
40
160
5
320
Table 46. Time Step for PULSE Latency @ ODR and Power Mode (Reg 0x0F) Pulse_LPF_EN = 0
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
10.2
0.318
20.4
10
40
1.25
80
1.56
2.56
10.2
0.318
20.4
10
40
1.25
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com