Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
7
2.2
Electrical Characteristics
Table 3. Electrical Characteristics @ VDD = 2.5V, VDDIO = 1.8V, T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD(1)
1. There is no requirement for power supply sequencing. The VDDIO input voltage can be higher than the VDD input voltage.
1.95
2.5
3.6
V
Interface Supply Voltage
VDDIO(1)
1.62
1.8
3.6
V
Low-Power Mode
ODR = 1.56 Hz
IddLP
6
μA
ODR = 6.25 Hz
6
ODR = 12.5 Hz
6
ODR = 50 Hz
14
ODR = 100 Hz
24
ODR = 200 Hz
44
ODR = 400 Hz
85
ODR = 800 Hz
165
Normal Mode
ODR = 1.56 Hz
Idd
24
μA
ODR = 6.25 Hz
24
ODR = 12.5 Hz
24
ODR = 50 Hz
24
ODR = 100 Hz
44
ODR = 200 Hz
85
ODR = 400 Hz
165
ODR = 800 Hz
165
Current during Boot Sequence, 0.5 mSec max
duration using recommended Bypass Cap
VDD = 2.5V
Idd Boot
1mA
Value of Capacitor on BYP Pin
-40°C 85°C
Cap
75
100
470
nF
STANDBY Mode Current @25°C
VDD = 2.5V, VDDIO = 1.8V
STANDBY Mode
IddStby
1.8
5
μA
Digital High Level Input Voltage
SCL, SDA, SA0
VIH
0.7*VDDIO
V
Digital Low-Level Input Voltage
SCL, SDA, SA0
VIL
0.3*VDDIO
V
High Level Output Voltage
INT1, INT2
IO = 500 μA
VOH
0.9*VDDIO
V
Low-Level Output Voltage
INT1, INT2
IO = 500 μA
VOL
0.1*VDDIO
V
Low-Level Output Voltage
SDA
IO = 500 μA
VOLS
0.1*VDDIO
V
Power on Ramp Time
0.001
1000
ms
Time from VDDIO on and VDD > Vmin until I2C
ready for operation
Cbyp = 100 nF
BT
—
350
500
µs
Turn-on time (STANDBY)(2)
2. Note that the first sample is typically not very precise. Depending on ODR/MODS settings, a minimum of three samples is recommended for
full precision.
TonStby
1.1/ODR
s
Turn-on time (Power Down to STANDBY)
Ton
2
ms
Operating Temperature Range
Top
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com