Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
35
0x28: PULSE_WIND Register (Read/Write)
The bits WIND7 through WIND0 define the maximum interval of time that can elapse after the end of the latency interval in which
the start of the second pulse event must be detected provided the device has been configured for double pulse detection. The
detected second pulse width must be shorter than the time limit constraints specified by the PULSE_TMLT register, but the end
of the double pulse need not finish within the time specified by the PULSE_WIND register.
The minimum time step for the pulse window is defined in Table 48 and Table 49. The maximum time is the time step at the ODR,
Oversampling mode and LPF Filter Option multiplied by 255.
0x28: PULSE_WIND Second Pulse Time Window Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WIND7
WIND6
WIND5
WIND4
WIND3
WIND2
WIND1
WIND0
Table 47. PULSE_WIND Description
WIND[7:0]
Second Pulse Time Window. Default value: 0000_0000.
Table 48. Time Step for PULSE Detection Window @ ODR and Power Mode (Reg 0x0F) Pulse_LPF_EN = 1
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
400
1.276
1.276
1.276
1.276
5
5
5
5
200
2.56
2.56
1.276
2.56
10
10
5
10
100
5.1
5.1
1.276
5.1
20
20
5
20
50
10.2
10.2
1.276
10.2
40
40
5
40
12.5
10.2
40.8
1.276
40.8
40
160
5
160
6.25
10.2
40.8
1.276
81.6
40
160
5
320
1.56
10.2
40.8
1.276
81.6
40
160
5
320
Table 49. Time Step for PULSE Detection Window @ ODR and Power Mode (Reg 0x0F) Pulse_LPF_EN = 0
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
10.2
0.318
20.4
10
40
1.25
80
1.56
2.56
10.2
0.318
20.4
10
40
1.25
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com