Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
39
0x2C: CTRL_REG3 Interrupt Control Register
IPOL bit selects the polarity of the interrupt signal. When IPOL is ‘0’ (default value) any interrupt event will signaled with a
logical 0.
PP_OD bit configures the interrupt pin to Push-Pull or in Open Drain mode. The default value is 0 which corresponds to Push-
Pull mode. The Open Drain configuration can be used for connecting multiple interrupt signals on the same interrupt line.
0x2D: CTRL_REG4 Register (Read/Write)
The corresponding functional block interrupt enable bit allows the functional block to route its event detection flags to the
system’s interrupt controller. The interrupt controller routes the enabled functional block interrupt to the INT1 or INT2 pin.
0x2C: CTRL_REG3 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE
WAKE_FF_MT
0
IPOL
PP_OD
Table 60. CTRL_REG3 Description
WAKE_TRANS
0: Transient function is bypassed in SLEEP mode. Default value: 0.
1: Transient function interrupt can wake up system
WAKE_LNDPRT
0: Orientation function is bypassed in SLEEP mode. Default value: 0.
1: Orientation function interrupt can wake up system
WAKE_PULSE
0: Pulse function is bypassed in SLEEP mode. Default value: 0.
1: Pulse function interrupt can wake up system
WAKE_FF_MT
0: Freefall/Motion function is bypassed in SLEEP mode. Default value: 0.
1: Freefall/Motion function interrupt can wake up
IPOL
Interrupt polarity ACTIVE high, or ACTIVE low. Default value: 0.
0: ACTIVE low; 1: ACTIVE high
PP_OD
Push-Pull/Open Drain selection on interrupt pad. Default value: 0.
0: Push-Pull; 1: Open Drain
0x2D: CTRL_REG4 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EN_ASLP
0
INT_EN_TRANS
INT_EN_LNDPRT
INT_EN_PULSE
INT_EN_FF_MT
0
INT_EN_DRDY
Table 61. Interrupt Enable Register Description
Interrupt Enable
Description
INT_EN_ASLP
Interrupt Enable. Default value: 0.
0: Auto-SLEEP/WAKE interrupt disabled; 1: Auto-SLEEP/WAKE interrupt enabled.
INT_EN_TRANS
Interrupt Enable. Default value: 0.
0: Transient interrupt disabled; 1: Transient interrupt enabled.
INT_EN_LNDPRT
Interrupt Enable. Default value: 0.
0: Orientation (Landscape/Portrait) interrupt disabled.
1: Orientation (Landscape/Portrait) interrupt enabled.
INT_EN_PULSE
Interrupt Enable. Default value: 0.
0: Pulse Detection interrupt disabled; 1: Pulse Detection interrupt enabled
INT_EN_FF_MT
Interrupt Enable. Default value: 0.
0: Freefall/Motion interrupt disabled; 1: Freefall/Motion interrupt enabled
INT_EN_DRDY
Interrupt Enable. Default value: 0.
0: Data Ready interrupt disabled; 1: Data Ready interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com