Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
MMA8452Q
Sensors
10
Freescale Semiconductor, Inc.
3
Terminology
3.1
Sensitivity
The sensitivity is represented in counts/g. In 2g mode the sensitivity is 1024 counts/g. In 4g mode the sensitivity is
512 counts/g and in 8g mode the sensitivity is 256 counts/g.
3.2
Zero-g Offset
Zero-g Offset (TyOff) describes the deviation of an actual output signal from the ideal output signal if the sensor is stationary. A
sensor stationary on a horizontal surface will measure 0g in X-axis and 0g in Y-axis whereas the Z-axis will measure 1g. The output
is ideally in the middle of the dynamic range of the sensor (content of OUT Registers 0x00, data expressed as 2's complement
number). A deviation from ideal value in this case is called Zero-g offset. Offset is to some extent a result of stress on the MEMS
sensor and therefore the offset can slightly change after mounting the sensor onto a printed circuit board or exposing it to
extensive mechanical stress.
3.3
Self-Test
Self-Test checks the transducer functionality without external mechanical stimulus. When Self-Test is activated, an electrostatic
actuation force is applied to the sensor, simulating a small acceleration. In this case the sensor outputs will exhibit a change in
their DC levels which are related to the selected full scale through the device sensitivity. When Self-Test is activated, the device
output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor and by the electrostatic
test-force.
4
Modes of Operation
Figure 6. MMA8452Q Mode Transition Diagram
All register contents are preserved when transitioning from ACTIVE to STANDBY mode. Some registers are reset when
transitioning from STANDBY to ACTIVE. These are all noted in the device memory map register table. The SLEEP and WAKE
modes are ACTIVE modes. For more information on how to use the SLEEP and WAKE modes and how to transition between
these modes please refer to the functionality section of this document.
Table 7. Mode of Operation Description
Mode
I2C Bus State
VDD
VDDIO
Function Description
OFF
Powered Down
<1.8V
VDDIO Can be > VDD
The device is powered off. All analog and digital blocks
are shutdown. I2C bus inhibited.
STANDBY
I2C communication with
MMA8452Q is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is cleared
Only digital blocks are enabled.
Analog subsystem is disabled. Internal clocks disabled.
ACTIVE
(WAKE/SLEEP)
I2C communication with
MMA8452Q is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is set
All blocks are enabled (digital, analog).
SLEEP
WAKE
STANDBY
OFF
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com