Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
MMA8452Q
Sensors
24
Freescale Semiconductor, Inc.
0x11: Portrait/Landscape Configuration Register
This register enables the Portrait/Landscape function and sets the behavior of the debounce counter.
0x12: Portrait/Landscape Debounce Counter
This register sets the debounce count for the orientation state transition. The minimum debounce latency is determined by the
data rate set by the product of the selected system ODR and PL_COUNT registers. Any transition from WAKE to SLEEP or vice
versa resets the internal Landscape/Portrait debounce counter. Note: The debounce counter weighting (time step) changes
based on the ODR and the Oversampling mode. Table 22 explains the time step value for all sample rates and all Oversampling
modes.
0x13: PL_BF_ZCOMP Back/Front and Z Compensation Register
The Z-Lock angle compensation is set to 29°. The Back to Front trip angle is set to ±75°.
Note: All angles are accurate to ±2°.
0x11: PL_CFG Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
PL_EN
0
0
0
0
0
0
Table 20. PL_CFG Description
DBCNTM
Debounce counter mode selection. Default value: 1
0: Decrements debounce whenever condition of interest is no longer valid.
1: Clears counter whenever condition of interest is no longer valid.
PL_EN
Portrait/Landscape Detection Enable. Default value: 0
0: Portrait/Landscape Detection is Disabled.
1: Portrait/Landscape Detection is Enabled.
0x12: PL_COUNT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
Table 21. PL_COUNT Description
DBCNE[7:0]
Debounce Count value. Default value: 0000_0000.
Table 22. PL_COUNT Relationship with the ODR
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160
0x13: PL_BF_ZCOMP Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BKFR[1]
BKFR[0]
0
0
0
ZLOCK[2]
ZLOCK[1]
ZLOCK[0]
Table 23. PL_BF_ZCOMP Description
BKFR[1:0]
Back Front Trip Angle Fixed Threshold = 01 which is
≥ ±75°.
ZLOCK[2:0]
Z-Lock Angle Fixed Threshold = 100 which is 29°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com