Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
MMA8452Q
Sensors
38
Freescale Semiconductor, Inc.
0x2B: CTRL_REG2 System Control 2 Register
ST bit activates the self-test function. When ST is set, X, Y, and Z outputs will shift. RST bit is used to activate the software reset.
The reset mechanism can be enabled in STANDBY and ACTIVE mode.
When the reset bit is enabled, all registers are rest and are loaded with default values. Writing ‘1’ to the RST bit immediately
resets the device, no matter whether it is in ACTIVE/WAKE, ACTIVE/SLEEP, or STANDBY mode.
The I2C communication system is reset to avoid accidental corrupted data access.
At the end of the boot process the RST bit is deasserted to 0. Reading this bit will return a value of zero.
The (S)MODS[1:0] bits select which Oversampling mode is to be used shown in Table 58. The Oversampling modes are
available in both WAKE Mode MOD[1:0] and also in the SLEEP Mode SMOD[1:0].
0x2B: CTRL_REG2 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ST
RST
0
SMODS1
SMODS0
SLPE
MODS1
MODS0
Table 57. CTRL_REG2 Description
ST
Self-Test Enable. Default value: 0.
0: Self-Test disabled; 1: Self-Test enabled
RST
Software Reset. Default value: 0.
0: Device reset disabled; 1: Device reset enabled.
SMODS[1:0]
SLEEP mode power scheme selection. Default value: 00.
See Table 58 and Table 59
SLPE
Auto-SLEEP enable. Default value: 0.
0: Auto-SLEEP is not enabled;
1: Auto-SLEEP is enabled.
MODS[1:0]
ACTIVE mode power scheme selection. Default value: 00.
See Table 58 and Table 59
Table 58. MODS Oversampling Modes
(S)MODS1
(S)MODS0
Power Mode
00
Normal
0
1
Low Noise Low Power
1
0
High Resolution
1
1
Low Power
Table 59. MODS Oversampling Modes Current Consumption and Averaging Values at each ODR
Mode
Normal (00)
Low Noise Low Power (01)
High Resolution (10)
Low Power (11)
ODR
Current
μA OS Ratio
Current
μA
OS Ratio
Current
μA OS Ratio Current μAOS Ratio
1.56 Hz
24
128
8
32
165
1024
6
16
6.25 Hz
24
32
8
8
165
256
6
4
12.5 Hz
24
16
8
4
165
128
6
2
50 Hz
24
4
24
4
165
32
14
2
100 Hz
44
4
44
4
165
16
24
2
200 Hz
85
4
85
4
165
8
44
2
400 Hz
165
4
165
4
165
4
85
2
800 Hz
165
2
165
2
165
2
165
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com