Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
MMA8452Q
Sensors
14
Freescale Semiconductor, Inc.
Figure 7. Landscape/Portrait Orientation
Figure 8. Illustration of Landscape to Portrait Transition (A) and Portrait to Landscape Transition (B)
Figure 9 illustrates the Z-angle lockout region. When lifting the device upright from the flat position it will be active for
orientation detection as low as 29° from flat. .
Figure 9. Illustration of Z-Tilt Angle Lockout Transition
Top View
PU
Earth Gravity
Pin 1
Xout @ 0g
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g
Portrait
Landscape to Portrait
90°
Trip Angle = 60°
0° Landscape
Portrait
Portrait to Landscape
90°
Trip Angle = 30°
0° Landscape
(A)
(B)
Upright
NORMAL
90°
Z-LOCK = 29
°
0° Flat
DETECTION
REGION
LOCKOUT
REGION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com