Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
15
5.9
Interrupt Register Configurations
There are six configurable interrupts in the MMA8452Q: Data Ready, Motion/Freefall, Pulse, Orientation, Transient, and Auto-
SLEEP events. These six interrupt sources can be routed to one of two interrupt pins. The interrupt source must be enabled and
configured. If the event flag is asserted because the event condition is detected, the corresponding interrupt pin, INT1 or INT2,
will assert.
Figure 10. System Interrupt Generation Block Diagram
5.10
Serial I2C Interface
Acceleration data may be accessed through an I2C interface thus making the device particularly suitable for direct interfacing
with a microcontroller. The MMA8452Q features an interrupt signal which indicates when a new set of measured acceleration
data is available thus simplifying data synchronization in the digital system that uses the device. The MMA8452Q may also be
configured to generate other interrupt signals accordingly to the programmable embedded functions of the device for Motion,
Freefall, Transient, Orientation, and Pulse.
The registers embedded inside the MMA8452Q are accessed through the I2C serial interface (Table 9). To enable the I2C
interface, VDDIO line must be tied high (i.e., to the interface supply voltage). If VDD is not present and VDDIO is present, the
MMA8452Q is in off mode and communications on the I2C interface are ignored. The I2C interface may be used for
communications between other I2C devices and the MMA8452Q does not affect the I2C bus.
There are two signals associated with the I2C bus; the Serial Clock Line (SCL) and the Serial Data line (SDA). The latter is a
bidirectional line used for sending and receiving the data to/from the interface. External pullup resistors connected to VDDIO are
expected for SDA and SCL. When the bus is free both the lines are high. The I2C interface is compliant with fast mode (400 kHz),
and Normal mode (100 kHz) I2C standards (Table 5).
Table 9. Serial Interface Pin Description
Pin Name
Pin Description
SCL
I2C Serial Clock
SDA
I2C Serial Data
SA0
I2C least significant bit of the device address
INTERRUPT
CONTROLLER
Data Ready
Motion/Freefall
Pulse
Orientation
Transient
Auto-SLEEP
INT ENABLE
INT CFG
INT1
INT2
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com