Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
MMA8452Q
Sensors
42
Freescale Semiconductor, Inc.
2E
CTRL_REG5
Control Reg5
(Interrupt Configuration)
R/W
INT_CFG_ASLP
0
INT_CFG_TRANS
INT_CFG_LNDPR
T
INT_CFG_PULSE
INT_CFG_FF_MT
0
INT_CFG_DRD
Y
2F
OFF_X
X 8-bit offset R/W
D7
D6
D5
D4
D3
D2
D1
D0
30
OFF_Y
Y 8-bit offset R/W
D7
D6
D5
D4
D3
D2
D1
D0
31
OFF_Z
Z 8-bit offset R/W
D7
D6
D5
D4
D3
D2
D1
D0
Table 67. Accelerometer Output Data
12-bit Data
Range ±2g (1 mg)
Range ±4g (2 mg)
Range ±8g (3.9 mg)
0111 1111 1111
1.999g
+3.998g
+7.996g
0111 1111 1110
1.998g
+3.996g
+7.992g
……
…
…
0000 0000 0001
0.001g
+0.002g
+0.004g
0000 0000 0000
0.0000g
0.0000g
0.0000g
1111 1111 1111
-0.001g
-0.002g
-0.004g
……
…
…
1000 0000 0001
-1.999g
-3.998g
-7.996g
1000 0000 0000
-2.0000g
-4.0000g
-8.0000g
8-bit Data
Range ±2g (15.6 mg)
Range ±4g (31.25 mg)
Range ±8g (62.5 mg)
0111 1111
1.9844g
+3.9688g
+7.9375g
0111 1110
1.9688g
+3.9375g
+7.8750g
……
…
…
0000 0001
+0.0156g
+0.0313g
+0.0625g
0000 0000
0.000g
0.0000g
0.0000g
1111 1111
-0.0156g
-0.0313g
-0.0625g
……
…
…
1000 0001
-1.9844g
-3.9688g
-7.9375g
1000 0000
-2.0000g
-4.0000g
-8.0000g
Table 66. MMA8452Q Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com