Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
37
6.7
Control Registers
Note: Except for STANDBY mode selection, the device must be in STANDBY mode to change any of the fields within
CTRL_REG1 (0X2A).
0x2A: CTRL_REG1 System Control 1 Register
It is important to note that when the device is Auto-SLEEP mode, the system ODR and the data rate for all the system
functional blocks are overridden by the data rate set by the ASLP_RATE field.
DR[2:0] bits select the Output Data Rate (ODR) for acceleration samples. The default value is 000 for a data rate of 800 Hz.
ACTIVE bit selects between STANDBY mode and ACTIVE mode. The default value is 0 for STANDBY mode.
LNoise bit selects between normal full dynamic range mode and a high sensitivity, Low-Noise mode. In Low-Noise mode the
maximum signal that can be measured is ±4g. Note: Any thresholds set above 4g will not be reached.
F_Read bit selects between Normal and Fast Read mode. When selected, the auto-increment counter will skip over the LSB data
bytes.
0x2A: CTRL_REG1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
LNOISE
F_READ
ACTIVE
Table 53. CTRL_REG1 Description
ASLP_RATE[1:0]
Configures the Auto-WAKE sample frequency when the device is in SLEEP Mode. Default value: 00.
See Table 54 for more information.
DR[2:0]
Data rate selection. Default value: 000.
See Table 55 for more information.
LNOISE
Reduced noise reduced Maximum range mode. Default value: 0.
(0: Normal mode; 1: Reduced Noise mode)
F_READ
Fast Read mode: Data format limited to single Byte Default value: 0.
(0: Normal mode 1: Fast Read Mode)
ACTIVE
Full Scale selection. Default value: 00.
(0: STANDBY mode; 1: ACTIVE mode)
Table 54. SLEEP Mode Rate Description
ASLP_RATE1
ASLP_RATE0
Frequency (Hz)
00
50
0
1
12.5
1
0
6.25
1
1
1.56
Table 55. System Output Data Rate Selection
DR2
DR1
DR0
ODR
Period
0
0
0
800 Hz
1.25 ms
0
0
1
400 Hz
2.5 ms
0
1
0
200 Hz
5 ms
0
1
1
100 Hz
10 ms
1
0
0
50 Hz
20 ms
1
0
1
12.5 Hz
80 ms
1
1
0
6.25 Hz
160 ms
1
1
1
1.56 Hz
640 ms
Table 56. Full Scale Selection
Active
Mode
0STANDBY
1ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com