Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
19
Note: Auto-increment addresses which are not a simple increment are highlighted in bold. The auto-increment addressing is only enabled when
device registers are read using I2C burst read mode. Therefore the internal storage of the auto-increment address is cleared whenever a
STOP condition is detected.
6.1
Data Registers
The following are the data registers for the MMA8452Q. For more information on data manipulation of the MMA8452Q, refer
to application note, AN4076.
PULSE_WIND(3)(4)
R/W
0x28
0x29
00000000
0x00
Window time for 2nd pulse
ASLP_COUNT(3)(4)
R/W
0x29
0x2A
00000000
0x00
Counter setting for Auto-SLEEP
CTRL_REG1(3)(4)
R/W
0x2A
0x2B
00000000
0x00
Data Rate, ACTIVE Mode
CTRL_REG2(3)(4)
R/W
0x2B
0x2C
00000000
0x00
Sleep Enable, OS Modes,
RST, ST
CTRL_REG3(3)(4)
R/W
0x2C
0x2D
00000000
0x00
Wake from Sleep, IPOL, PP_OD
CTRL_REG4(3)(4)
R/W
0x2D
0x2E
00000000
0x00
Interrupt enable register
CTRL_REG5(3)(4)
R/W
0x2E
0x2F
00000000
0x00
Interrupt pin (INT1/INT2) map
OFF_X(3)(4)
R/W
0x2F
0x30
00000000
0x00
X-axis offset adjust
OFF_Y(3)(4)
R/W
0x30
0x31
00000000
0x00
Y-axis offset adjust
OFF_Z(3)(4)
R/W
0x31
0x0D
00000000
0x00
Z-axis offset adjust
Reserved (do not modify)
0x40 – 7F
—
—
—
Reserved. Read return 0x00.
1. Register contents are reset when transition from STANDBY to ACTIVE mode occurs.
2. This register data is only valid in ACTIVE mode.
3. Register contents are preserved when transition from ACTIVE to STANDBY mode occurs.
4. Modification of this register’s contents can only occur when device is STANDBY mode except CTRL_REG1 ACTIVE bit and CTRL_REG2
RST bit.
0x00: STATUS Data Status Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
Table 12. STATUS Description
ZYXOW
X, Y, Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X, Y, or Z data was overwritten by new X, Y, or Z data before it was read
ZOW
Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Z-axis data was overwritten by new Z-axis data before it was read
YOW
Y-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Y-axis data was overwritten by new Y-axis data before it was read
XOW
X-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read
ZYXDR
X, Y, Z-axis new Data Ready. Default value: 0
0: No new set of data ready
1: A new set of data is ready
ZDR
Z-axis new Data Available. Default value: 0
0: No new Z-axis data is ready
1: A new Z-axis data is ready
YDR
Y-axis new Data Available. Default value: 0
0: No new Y-axis data ready
1: A new Y-axis data is ready
XDR
X-axis new Data Available. Default value: 0
0: No new X-axis data ready
1: A new X-axis data is ready
Table 11. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com