Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA8451 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
5
The device power is supplied through VDD line. Power supply decoupling capacitors (100 nF ceramic plus 4.7 µF bulk, or a
single 4.7 µF ceramic) should be placed as near as possible to the pins 1 and 14 of the device.
The control signals SCL, SDA, and SA0 are not tolerant of voltages more than VDDIO + 0.3V. If VDDIO is removed, the control
signals SCL, SDA, and SA0 will clamp any logic signals with their internal ESD protection diodes.
The functions, the threshold and the timing of the two interrupt pins (INT1 and INT2) are user programmable through the I2C
interface. The SDA and SCL I2C connections are open drain and therefore require a pullup resistor as shown in the application
diagram in Figure 4.
1.1
Soldering Information
The QFN package is compliant with the RoHS standard. Please refer to AN4077.
Table 1. Pin Descriptions
Pin #
Pin Name
Description
Pin Status
1
VDDIO
Power Supply for IO pins (1.62V - 3.6V)
Input
2BYP
Bypass capacitor (0.1
μF)
Input
3NC
Leave open. Do not connect.
Open
4SCL
I2C Serial Clock
Open Drain
5GND
Connect to Ground
Input
6SDA
I2C Serial Data
Open Drain
7
SA0
I2C Least Significant Bit of the Device I2C Address
Input
8NC
Internally not connected (can be GND or VDD)
Input
9INT2
Inertial Interrupt 2
Output
10
GND
Connect to Ground
Input
11
INT1
Inertial Interrupt 1
Output
12
GND
Connect to Ground
Input
13
NC
Internally not connected (can be GND or VDD)
Input
14
VDD
Internal Power Supply (1.95V - 3.6V)
Input
15
NC
Internally not connected (can be GND or VDD)
Input
16
NC
Internally not connected (can be GND or VDD)
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com