Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
MMA8452Q
Sensors
40
Freescale Semiconductor, Inc.
0x2E: CTRL_REG5 Register (Read/Write)
The system’s interrupt controller shown in Figure 10 uses the corresponding bit field in the CTRL_REG5 register to determine
the routing table for the INT1 and INT2 interrupt pins. If the bit value is logic ‘0’ the functional block’s interrupt is routed to INT2,
and if the bit value is logic ‘1’ then the interrupt is routed to INT1. One or more functions can assert an interrupt pin; therefore a
host application responding to an interrupt should read the INT_SOURCE (0x0C) register to determine the appropriate sources
of the interrupt.
6.8
User Offset Correction Registers
For more information on how to calibrate the 0g Offset refer to AN4069 Offset Calibration Using the MMA8452Q. The 2’s
complement offset correction registers values are used to realign the Zero-g position of the X, Y, and Z-axis after device board
mount. The resolution of the offset registers is 2 mg per LSB. The 2’s complement 8-bit value would result in an offset
compensation range ±256 mg.
0x2F: OFF_X Offset Correction X Register
0x30: OFF_Y Offset Correction Y Register
0x31: OFF_Z Offset Correction Z Register
0x2E: CTRL_REG5 Interrupt Configuration Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_CFG_ASLP
0
INT_CFG_TRANS INT_CFG_LNDPRT INT_CFG_PULSE
INT_CFG_FF_MT
0
INT_CFG_DRDY
Table 62. Interrupt Configuration Register Description
Interrupt Configuration
Description
INT_CFG_ASLP
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
INT_CFG_TRANS
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
INT_CFG_LNDPRT
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
INT_CFG_PULSE
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
INT_CFG_FF_MT
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
INT_CFG_DRDY
INT1/INT2 Configuration. Default value: 0.
0: Interrupt is routed to INT2 pin; 1: Interrupt is routed to INT1 pin
0x2F: OFF_X Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 63. OFF_X Description
D[7:0]
X-axis offset value. Default value: 0000_0000.
0x30: OFF_Y Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 64. OFF_Y Description
D[7:0]
Y-axis offset value. Default value: 0000_0000.
0x31: OFF_Z Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 65. OFF_Z Description
D[7:0]
Z-axis offset value. Default value: 0000_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com