Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA8451
Description  3-Axis, 12-bit/8-bit Digital Accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA8451 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
MMA8452Q
Sensors
Freescale Semiconductor, Inc.
33
0x23 - 0x25: PULSE_THSX, Y, Z Pulse Threshold for X, Y & Z Registers
The pulse threshold can be set separately for the X, Y and Z axes. The PULSE_THSX, PULSE_THSY and PULSE_THSZ
registers define the threshold which is used by the system to start the pulse detection procedure.
The threshold values range from 1 to 127 with steps of 0.63g/LSB at a fixed 8g acceleration range, thus the minimum
resolution is always fixed at 0.063g/LSB. If the Low-Noise bit in Register 0x2A is set then the maximum threshold will be 4g. The
PULSE_THSX, PULSE_THSY and PULSE_THSZ registers define the threshold which is used by the system to start the pulse
detection procedure. The threshold value is expressed over 7-bits as an unsigned number.
0x26: PULSE_TMLT Pulse Time Window 1 Register
The bits TMLT7 through TMLT0 define the maximum time interval that can elapse between the start of the acceleration on the
selected axis exceeding the specified threshold and the end when the acceleration on the selected axis must go below the
specified threshold to be considered a valid pulse.
The minimum time step for the pulse time limit is defined in Table 42 and Table 43. Maximum time for a given ODR and
Oversampling mode is the time step pulse multiplied by 255. The time steps available are dependent on the Oversampling mode
and whether the Pulse Low-Pass Filter option is enabled or not. The Pulse Low-Pass Filter is set in Register 0x0F.
0x23: PULSE_THSX Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 38. PULSE_THSX Description
THSX[6:0]
Pulse Threshold on X-axis. Default value: 000_0000.
0x24: PULSE_THSY Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 39. PULSE_THSY Description
THSY[6:0]
Pulse Threshold on Y-axis. Default value: 000_0000.
0x25: PULSE_THSZ Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 40. PULSE_THSZ Description
THSZ[6:0]
Pulse Threshold on Z-axis. Default value: 000_0000.
0x26: PULSE_TMLT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMLT7
TMLT6
TMLT5
TMLT4
TMLT3
TMLT2
TMLT1
TMLT0
Table 41. PULSE_TMLT Description
TMLT[7:0]
Pulse Time Limit. Default value: 0000_0000.
Table 42. Time Step for PULSE Time Limit (Reg 0x0F) Pulse_LPF_EN = 1
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com