Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 111 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 111 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 107Page - Sony Corporation CXD3003R Datasheet HTML 108Page - Sony Corporation CXD3003R Datasheet HTML 109Page - Sony Corporation CXD3003R Datasheet HTML 110Page - Sony Corporation CXD3003R Datasheet HTML 111Page - Sony Corporation CXD3003R Datasheet HTML 112Page - Sony Corporation CXD3003R Datasheet HTML 113Page - Sony Corporation CXD3003R Datasheet HTML 114Page - Sony Corporation CXD3003R Datasheet HTML 115Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 137 page
background image
– 111 –
CXD3003R
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
KA6
KA5
KA4
KA3
KA2
KA1
KA0
KD7
KD6
KD5
KD4
KD3
KD2
KD1
KD0
When D15 = 0
KA6 to KA0: Coefficient address
KD7 to KD0: Coefficient data
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
0
1
FB9
FB8
FB7
FB6
FB5
FB4
FB3
FB2
FB1
—
When D15 = D14 = D13 = D12 = 1 ($34F)
D11 = 0, D10 = 1
FBIAS register write
FB9 to FB1: Data; FB9 is MSB two's complement data.
For FE input conversion, FB9 to FB1 = 011111111 corresponds to 255/256
× VDD/4 and
FB9 to FB1 = 100000000 to –256/256
× VDD/4 respectively. (VDD: supply voltage)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
1
0
FBL9 FBL8 FBL7 FBL6 FBL5 FBL4 FBL3 FBL2 FBL1
—
When D15 = D14 = D13 = D12 = D11 = 1 ($34F)
D10 = 0
FBIAS LIMIT register write
FBL9 to FBL1: Data; data compared with FB9 to 1, FBL9 = MSB.
When using the FBIAS register in counter mode, counter operation stops when the
value of FB9 to 1 matches with FBL9 to 1.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
0
0
TV9
TV8
TV7
TV6
TV5
TV4
TV3
TV2
TV1
TV0
When D15 = D14 = D13 = D12 = 1 ($34F)
D11 = 0, D10 = 0
TRVSC register write
TV9 to TV0: Data; TV9 is MSB two's complement data.
For TE input conversion, TV9 to TV0 = 0011111111 corresponds to 255/256
× VDD/4
and TV9 to TV0 = 1100000000 to –256/256
× VDD/4 respectively. (VDD: supply voltage)
Note) • When the TRVSC register is read out, the data length is 9 bits. At this time, data corresponding to
each bit TV8 to TV0 during external write are read out.
• When reading out internally measured values and then writing these values externally, set TV9 the
same as TV8.
$34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com