Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 113 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 113 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 109Page - Sony Corporation CXD3003R Datasheet HTML 110Page - Sony Corporation CXD3003R Datasheet HTML 111Page - Sony Corporation CXD3003R Datasheet HTML 112Page - Sony Corporation CXD3003R Datasheet HTML 113Page - Sony Corporation CXD3003R Datasheet HTML 114Page - Sony Corporation CXD3003R Datasheet HTML 115Page - Sony Corporation CXD3003R Datasheet HTML 116Page - Sony Corporation CXD3003R Datasheet HTML 117Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 137 page
background image
– 113 –
CXD3003R
$37 (preset: $37 50 BA)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
FZSH FZSL SM5 SM4 SM3 SM2 SM1 SM0 AGS
AGJ AGGF AGGT AGV1 AGV2 AGHS AGHT
FZSH, FZSL: FZC (Focus Zero Cross) slice level
Default value: 01 (1/8
× VDD/2, VDD: supply voltage); FE input conversion
FZSH
0
0
1
1
0
1
0
1
1/4
× VDD/2
1/8
× VDD/2
1/16
× VDD/2
1/32
× VDD/2
FZSL
Slice level
SM5 to SM0: Sled move voltage
Default value: 010000 (
≈ ±16/64 × VDD, VDD: PWM driver supply voltage)
Sled drive output conversion
AGS:
AGCNTL self-stop on/off
Default value: 1 (on)
AGJ:
AGCNTL convergence completion judgment time during low sensitivity adjustment (31/63ms,
when MCK = 128Fs)
Default value: 0 (63ms)
AGGF:
Focus AGCNTL internally generated sine wave amplitude (small/large)
Default value: 1 (large)
AGGT:
Tracking AGCNTL internally generated sine wave amplitude (small/large)
Default value: 1 (large)
AGGF
0 (small)
1 (large)∗
1/32
× VDD/2
1/16
× VDD/2
1/16
× VDD/2
1/8
× VDD/2
AGGT
0 (small)
1 (large)∗
FE/TE input conversion
AGV1:
AGCNTL convergence sensitivity during high sensitivity adjustment; high/low
Default value: 1 (high)
AGV2:
AGCNTL convergence sensitivity during low sensitivity adjustment; high/low
Default value: 0 (low)
AGHS:
AGCNTL high sensitivity adjustment on/off
Default value: 1 (on)
AGHT:
AGCNTL high sensitivity adjustment time (128/256ms, when MCK = 128Fs)
Default value: 0 (256ms)
∗
∗: preset
∗: preset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com