Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 107 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 107 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
107
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1= enabled
Analogue
Outputs
2
BYPL2OUT3
0
Left ADC input to OUT3
0 = disabled
1= enabled
Analogue
Outputs
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1= enabled
Analogue
Outputs
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1= enabled
Analogue
Outputs
57 (39h)
8:7
00
Reserved
6
OUT4MUTE
0
0 = Output stage outputs OUT4 mixer
1 = Output stage muted – drives out VMID. Can
be used as VMID buffer in this mode.
Analogue
Outputs
5
HALFSIG
0
0=OUT4 normal output
1=OUT4 attenuated by 6dB
Analogue
Outputs
4
LMIX2OUT4
0
Left DAC mixer to OUT4
0 = disabled
1= enabled
Analogue
Outputs
3
LDAC2OUT4
0
Left DAC to OUT4
0 = disabled
1= enabled
Analogue
Outputs
2
BYPR2OUT4
0
Right ADC input to OUT4
0 = disabled
1= enabled
Analogue
Outputs
1
RMIX2OUT4
0
Right DAC mixer to OUT4
0 = disabled
1= enabled
Analogue
Outputs
0
RDAC2OUT4
1
Right DAC output to OUT4
0 = disabled
1= enabled
Analogue
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com