Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 111 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 111 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
111
5-BAND EQUALISER
The WM8978 has a 5-band equaliser which can be applied to either the ADC path or the DAC path.
The plots from Figure 58 to Figure 71 show the frequency responses of each filter with a sampling
frequency of 48kHz, firstly showing the different cut-off/centre frequencies with a gain of
12dB, and
secondly a sweep of the gain from -12dB to +12dB for the lowest cut-off/centre frequency of each
filter.
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 58 EQ Band 1 Low Frequency Shelf Filter Cut-offs
Figure 59 EQ Band 1 Gains for Lowest Cut-off Frequency
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 60 EQ Band 2 – Peak Filter Centre Frequencies,
EQ2BW=0
Figure 61
EQ Band 2 – Peak Filter Gains for Lowest Cut-off
Frequency, EQ2BW=0
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 62 EQ Band 2 – EQ2BW=0, EQ2BW=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com