Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 29 of 88
Temperature Linearization Scheme
The ADP1046A implements a linearization scheme based on a
preselected combination of thermistor (100 kΩ, 1%), external
resistor (16.5 kΩ, 1%), and the 46 µA current source for best
performance when linearizing measured temperatures in the
industrial range.
The required NTC thermistor should have a resistance of
100 kΩ, 1%, such as the NCP15WF104F03RC (beta = 4250,
1%). It is recommended that 1% tolerance be used for both the
resistor and beta values.
Reading the Linearized Temperature
Reading Register 0x1B (updated every 10 ms) returns the current
temperature according to an internal linearization scheme. See
Table 1 for the specified accuracy of these measurements. The
temperature reading result is represented in 8-bit decimal format
in °C; therefore, the temperature range for this reading is from
0°C to 255°C.
OVERTEMPERATURE PROTECTION (OTP)
If the temperature sensed at the RTD pin exceeds the threshold
programmed in Register 0x2F, the OTP flag is set. The response
to the OTP flag is programmable using Register 0x0B[7:4].
An RTD trim is required to make accurate temperature readings
at the lower end of the RTD ADC range to account for tolerances
in the NTC thermistor and the external resistor. This trim results
in a more accurate measurement for determining the OTP
threshold (see the RTD/OTP Trim section).
OVERCURRENT PROTECTION (OCP)
The ADP1046A has several OCP functions. CS1 and CS2± have
separate OCP circuits to provide both primary and secondary
side protection.
CS1 OCP
CS1 has two protection circuits: CS1 fast OCP and CS1 accurate
OCP (see Figure 39).
CS1 Fast OCP
CS1 fast OCP is an analog comparator. When the voltage at the
CS1 pin exceeds the (fixed) 1.2 V threshold, the CS1 fast OCP
flag is set. A programmable blanking time can be set to ignore
the leading edge current spike at the beginning of the current
signal (leading edge blanking).
A debounce time can be programmed to improve the noise immu-
nity of the OCP circuit. When the CS1 fast OCP comparator is
set, the OUTA, OUTB, OUTC, and OUTD PWM outputs are
immediately disabled for the remainder of the switching cycle.
These outputs are reenabled at the start of the next switching
cycle. This function cannot be bypassed.
CS1 Accurate OCP
CS1 accurate OCP is used for more precise control of overcurrent
protection. With CS1 accurate OCP, the reading at the output of
the CS1 ADC (Register 0x13) is compared to a programmable
OCP limit. The CS1 accurate OCP value can be programmed
from 0 to 31 decimal using Register 0x22[4:0]. If the CS1 reading
exceeds the CS1 accurate OCP limit, the CS1 accurate OCP flag
is set. The CS1 ADC is asynchronously sampled, and the readings
are averaged every 2.62 ms to make a fault decision. The flag
response is programmed in Register 0x08.
VIN
OUTA
OUTD
OUTC
OUTB
CS1
CS1
ADC
1.2V
FAST OCP
COMPARATOR
12
CS1 FAST
OCP
FLAG
PWM
CS1 ACCURATE
OCP FLAG
CYCLE-BY-CYCLE
SHUTDOWN
OUTA
OUTB
OUTC
OUTD
SR1
SR2
OUTAUX
FLAGS
CS1
FAST OCP
BYPASS
REG 0x27[4]
CS1
FAST OCP
DEBOUNCE
REG 0x27[7:6]
CS1
FAST OCP
BLANKING
REG 0x22[7:5]
FLAGIN
CS1 ACCURATE
OCP SETTING
REG 0x22[4:0]
SHUTDOWN
CYCLE
TIMEOUT
REG 0x27[1:0]
ASYNCHRONOUS
2.62ms AVERAGING
Figure 39. CS1 OCP Detailed Internal Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com