Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 31 of 88
UNDERVOLTAGE PROTECTION (UVP)
If the voltage sensed at the VS1 pin falls below the program-
mable UVP threshold, the UVP flag is set. The UVP threshold
is programmed in Register 0x34; the GUI can also be used, as
shown in Figure 42.
The response to the UVP flag is programmable in Register
0x0B[3:0]. Undervoltage protection and the UVP flag are
disabled during soft start.
AC SENSE (ACSNS)
The ACSNS circuit performs multiple monitoring and control
functions. Two ADCs and a fast comparator are connected to
this pin.
The fast ADC is used for the voltage feedforward function
(see the Voltage Line Feedforward and ACSNS section).
This ADC has an equivalent resolution of 11 bits at 10 μs.
The slow ADC is used to report the input voltage. This
ADC has a resolution of 12 bits at 10 ms.
The fast comparator is used to monitor whether a
switching waveform is present at the output of the
synchronous rectifier stage (or rectifier diodes).
The pick-off point upstream of the output inductor is connected
to the ACSNS pin through an external RCD divider network.
The output of the ACSNS slow ADC is a 12-bit value reported
in Register 0x14. The gain of this ADC can be adjusted using
Register 0x5E[6:0] to compensate for divider errors and the
voltage spike.
The equation to calculate the ADC code is given by the
following formula:
ADC Code = Vx/1.6 × 4096
where Vx is the voltage at the ACSNS pin.
For example, when there is 1 V on the input of the ADC
ADC Code = 1 V/1.6 × 4096
ADC Code = 2560
VSENSE = (Vx) × (R1 + R2)/R2
where VSENSE is the filtered secondary voltage.
The primary input voltage can be calculated by multiplying
VSENSE by the turns ratio (N1/N2) as follows:
VPRIMARY = Vx × (R1 + R2)/R2 × (N1/N2)
The ACSNS comparator threshold is set at 0.45 V. If the average
voltage on the ACSNS pin falls below this threshold, the ACSNS
flag is set in Register 0x03[2] and in Register 0x07[2] (real-time
and latched flag registers, respectively), and the programmed
action for the flag is executed.
When operating in resonant mode, the ACSNS comparator is
used for the timing of the synchronous rectifiers and, therefore,
the additional features of the ADC cannot be used. For more
information, see the Resonant Mode Operation section.
Figure 42. Voltage Sense Window in Simulation Mode (ADP1046A GUI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com