Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 78 of 88
Table 117. Register 0x7D—Light Load Mode Threshold Settings
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:4]
Debounce
R/W
After the SR outputs are turned on or off, any further transition of the thresholds is ignored for the
amount of time programmed in these bits. This debounce is provided to avoid false transitions
and improve noise immunity. The debounce time is calculated as a number of PWM switching
cycles (t
SW). For example, at 100 kHz, tSW = 10 µs, 64 × tSW = 640 µs.
Bit 5
Bit 4
Debounce Time
0
0
0 t
SW
0
1
64 t
SW
1
0
128 t
SW
1
1
256 t
SW
[3:2]
Light load mode
averaging speed
R/W
These bits set the averaging speed and resolution used for the light load mode threshold.
Faster speed corresponds to lower resolution and, therefore, to lower accuracy of the threshold.
Bit 3
Bit 2
Speed (Resolution)
0
0
37.5 µs (6 bits)
0
1
75 µs (7 bits)
1
0
150 µs (8 bits)
1
1
300 µs (9 bits)
[1:0]
Light load mode
hysteresis
R/W
These bits set the amount of hysteresis applied to the light load mode threshold. The size of the
LSB is affected by the speed and resolution selected in Bits[3:2]. If the CS2 ADC range of 120 mV
is used with 8-bit resolution, the LSB size is 120 mV/28 = 469 µV.
Bit 1
Bit 0
Hysteresis (LSB)
0
0
3
0
1
8
1
0
12
1
1
16
Table 118. Register 0x7F—GO Byte
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Filter GO
W
This bit latches all the filter registers: Register 0x60 to Register 0x67 and Register 0x71 to
Register 0x75.
2
Frequency GO
W
This bit latches Register 0x3F and Register 0x40 to prevent the switching frequency settings
from being temporarily incorrect.
1
PWM settings GO
W
This bit latches Register 0x41 to Register 0x5C to prevent the PWM settings from being
temporarily incorrect. Note that Register 0x5C[1] is not gated by this bit (Register 0x7F[1]). A
write to Register 0x5C[1] immediately switches the regulation point and frequency settings;
however, the correct modulation limit and filter settings do not take effect until a subsequent
frequency GO is executed using Register 0x7F[2]. For this reason, it is not recommended that
the regulation point be changed on the fly using Register 0x5C[1].
0
Voltage reference GO
W
This bit latches Register 0x31 to prevent the reference setting from being temporarily incorrect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com