Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 84 of 88
RESONANT MODE REGISTER DESCRIPTIONS
Table 145. Register 0x40—PWM Switching Frequency Setting in Resonant Mode
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
Switching frequency
R/W
This register sets the switching frequency of the PWM pins and enables resonant mode. To
enable resonant mode, set these bits to 0x3F (111111).
Table 146. Register 0x41—OUTA Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt
1 (rising edge dead
time of OUTA)
R/W
This register sets Δt
1, which is the delay of the rising edge of OUTA from the start of the
switching cycle, t
A. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt
1 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
1275
Table 147. Register 0x42—Lowest Switching Frequency Limit Setting (Maximum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:0]
Lowest frequency
R/W
This register contains the eight MSBs of the 12-bit value of the lowest switching frequency (maxi-
mum switching cycle) limit. This value is always used with the top four bits of Register 0x44,
which contain the four LSBs of the lowest switching frequency limit. Each LSB of the 12-bit
value corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x42
is set to 0xA0 (160 decimal) and Bits[7:4] of Register 0x44 are set to 0xF (15 decimal), the
maximum switching cycle is (160 × 16 + 15) × 5 ns = 12.875 μs, and the lowest switching
frequency limit is 1/12.875 μs = 77.7 kHz.
Table 148. Register 0x43—OUTA Falling Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt
2 (falling edge dead
time of OUTA)
R/W
This register sets Δt
2, which is the difference between the falling edge of OUTA and the mid-
point of the switching cycle, t
B. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the falling edge of OUTA is trailing t
B. When the value is from 0x80
to 0xFF, the falling edge of OUTA is leading t
B.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt
2
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
…
…
…
…
…
…
…
…
…
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
5 ns leading
Table 149. Register 0x44—Lowest Switching Frequency Limit Setting (Maximum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:4]
Lowest frequency
R/W
This register contains the four LSBs of the 12-bit value of the lowest switching frequency (maxi-
mum switching cycle) limit. This value is always used with the eight bits of Register 0x42, which
contain the eight MSBs of the lowest switching frequency limit. Each LSB of the 12-bit value
corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x42 is set
to 0xA0 (160 decimal) and Bits[7:4] of Register 0x44 are set to 0xF (15 decimal), the maximum
switching cycle is (160 × 16 + 15) × 5 ns = 12.875 μs, and the lowest switching frequency limit
is 1/12.875 μs = 77.7 kHz.
[3:0]
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com