Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 85 of 88
Table 150. Register 0x45—OUTB Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt
3 (rising edge dead
time of OUTB)
R/W
This register sets Δt
3, which is the delay time of the rising edge of OUTB from the start of the
switching cycle, t
A. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt
3 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
1275
Table 151. Register 0x46—Highest Switching Frequency Limit Setting (Minimum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:0]
Highest frequency
R/W
This register contains the eight MSBs of the 12-bit value of the highest switching frequency (mini-
mum switching cycle) limit. This value is always used with the top four bits of Register 0x48,
which contain the four LSBs of the highest switching frequency limit. Each LSB of the 12-bit
value corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x46
is set to 0x10 (16 decimal) and Bits[7:4] of Register 0x48 are set to 0x9 (9 decimal), the minimum
switching cycle is (16 × 16 + 9) × 5 ns = 1.325 μs, and the highest switching frequency limit is
1/1.325 μs = 755 kHz. It is recommended that the maximum frequency be limited to 1 MHz.
Table 152. Register 0x47—OUTB Falling Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt
4 (falling edge dead
time of OUTB)
R/W
This register sets Δt
4, which is the difference between the falling edge of OUTB and the mid-
point of the switching cycle, t
B. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the falling edge of OUTB is trailing t
B. When the value is from 0x80
to 0xFF, the falling edge of OUTB is leading t
B.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt
4
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
…
…
…
…
…
…
…
…
…
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
5 ns leading
Table 153. Register 0x48—Highest Switching Frequency Limit Setting (Minimum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:4]
Highest frequency
R/W
This register contains the four LSBs of the 12-bit value of the highest switching frequency (mini-
mum switching cycle) limit. This value is always used with the eight bits of Register 0x46, which
contain the eight MSBs of the highest switching frequency limit. Each LSB of the 12-bit value
corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x46 is set to
0x10 (16 decimal) and Bits[7:4] of Register 0x48 are set to 0x9 (9 decimal), the minimum
switching cycle is (16 × 16 + 9) × 5 ns = 1.325 μs, and the highest switching frequency limit is
1/1.325 μs = 755 kHz.
[3:0]
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com