Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 50 of 88
Register 0x08 to Register 0x0D allow the user to program the response when each flag is set.
Table 13. Register 0x08 to Register 0x0D—Fault Configuration Register Bit Descriptions
Bits
Bit Name
R/W
Description
7
Timing
R/W
This bit specifies when the flag is set.
0 = after debounce.
1 = immediately.
[6:4]
Action
R/W
These bits specify the action that the part takes in response to the flag.
Bit 6
Bit 5
Bit 4
Action
0
0
0
Ignore flag completely
0
0
1
Disable SR1 and SR2
0
1
0
Disable OrFET
0
1
1
Disable the power supply and reenable it after the power
supply reenable time set in Register 0x0E[1:0]
1
0
0
Disable OUTAUX
1
0
1
Disable all PWM outputs except OUTAUX
1
1
0
Disable SR1, SR2, and OrFET
1
1
1
Disable the power supply and keep it disabled; PSON
signal is necessary to restart
3
Timing
R/W
Same as Bit 7.
[2:0]
Action
R/W
Same as Bits[6:4].
Table 14. Register 0x0E—Flag Configuration Register
Bits
Bit Name
R/W
Description
7
VDD OV/VCORE OV
flags ignore
R/W
Setting this bit to 1 means that the VDD OV and VCORE OV flags are ignored.
6
VDD OV/VCORE OV
restart
R/W
This bit specifies whether the part downloads the EEPROM contents before it restarts.
1 = if the part shuts down, it downloads the EEPROM contents again before restarting.
0 = if the part shuts down, it does not download the EEPROM contents again before restarting.
5
VDD OV/VCORE OV
debounce
R/W
Setting this bit to 1 means that there is a 500 μs debounce before the part shuts down. Setting
this bit to 0 means that there is a 2 μs debounce before the part shuts down.
[4:2]
Accurate OCP debounce
for CS1 and CS2
R/W
When an accurate OCP flag is set, there is a debounce time before the flag action is performed.
These bits set the flag debounce time. The ADC sampling rate adds a variable latency from
2.62 ms to 5.24 ms to this debounce time.
Bit 4
Bit 3
Bit 2
Debounce
0
0
0
2.6 ms
0
0
1
9.8 ms
0
1
0
130 ms
0
1
1
260 ms
1
0
0
600 ms
1
0
1
1.3 sec
1
1
0
2 sec
1
1
1
2.6 sec
[1:0]
Power supply reenable
time
R/W
These bits specify the time delay before restarting the power supply after a shutdown.
SR1, SR2, and OrFET are reenabled immediately.
Bit 1
Bit 0
Time (sec)
0
0
0.5
0
1
1
1
0
2
1
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com