Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 70 of 88
Table 82. Register 0x52—SR1 Rising Edge Setting (SR1 Pin)
Bits
Bit Name
R/W
Description
[7:4]
t
9
R/W
These bits contain the four LSBs of the 12-bit t
9 time. This value is always used with the eight
bits of Register 0x51, which contains the eight MSBs of the t
9 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns. It is recommended that the SR1 rising edge not be set
between 80 ns and 115 ns when using the SR soft start.
3
Modulate enable
R/W
1 = PWM modulation acts on the t
9 edge.
0 = no PWM modulation of the t
9 edge.
2
t
9 sign
R/W
1 = negative sign. Increase of PWM modulation moves t
9 right.
0 = positive sign. Increase of PWM modulation moves t
9 left.
1
Reserved
R/W
Reserved.
0
SR soft start edge
control
R/W
0 = always allow SR edge crossing.
1 = allow SR edge crossing only during SR soft start (recommended).
Table 83. Register 0x53—SR1 Falling Edge Timing (SR1 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t
10
R/W
This register contains the eight MSBs of the 12-bit t
10 time. This value is always used with the top
four bits of Register 0x54, which contains the four LSBs of the t
10 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
Table 84. Register 0x54—SR1 Falling Edge Setting (SR1 Pin)
Bits
Bit Name
R/W
Description
[7:4]
t
10
R/W
These bits contain the four LSBs of the 12-bit t
10 time. This value is always used with the eight
bits of Register 0x53, which contains the eight MSBs of the t
10 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
3
Modulate enable
R/W
1 = PWM modulation acts on the t
10 edge.
0 = no PWM modulation of the t
10 edge.
2
t
10 sign
R/W
1 = negative sign. Increase of PWM modulation moves t
10 right.
0 = positive sign. Increase of PWM modulation moves t
10 left.
1
SR soft start setting
R/W
1 = SR signals perform a soft start every time that they are enabled.
0 = SR signals perform a soft start only the first time that they are enabled.
0
SR soft start enable
R/W
Setting this bit enables the soft start function for the SR signals.
Table 85. Register 0x55—SR2 Rising Edge Timing (SR2 Pin)
Bits
Bit Name
R/W
Description
[7:0]
t
11
R/W
This register contains the eight MSBs of the 12-bit t
11 time. This value is always used with the top
four bits of Register 0x56, which contains the four LSBs of the t
11 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns. It is recommended that the SR2 rising edge not be set
between 80 ns and 115 ns when using the SR soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com