Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 14 of 88
THEORY OF OPERATION
The ADP1046A is a secondary side controller for switch mode
power supplies. It is designed for use in isolated redundant
applications. The ADP1046A integrates the typical functions
that are needed to control a power supply, such as
Output voltage sense and feedback
Voltage line feedforward control
Digital loop filter compensation
PWM generation
Current sharing
Current, voltage, and temperature sense
OrFET control
Housekeeping and I2C interface
Calibration and trimming
The main function of controlling the output voltage is performed
using the feedback ADCs, the digital loop filter, and the PWM
block.
The feedback ADCs use a multipath approach (patent pending).
The ADP1046A combines a high speed, low resolution (fast and
coarse) ADC with a low speed, high resolution (slow and accurate)
ADC. Loop compensation is implemented using the digital filter.
This proportional, integral, derivative (PID) filter is implemented
in the digital domain to allow easy programming of filter charac-
teristics, which is of great value in customizing and debugging
designs.
The PWM block generates up to seven programmable PWM
outputs for control of FET drivers and synchronous rectification
FET drivers. This programmability allows many traditional and
unique switching topologies to be realized.
A current share bus interface is provided for paralleling multiple
power supplies. The ADP1046A also has hot-swap OrFET sense
and control for N + 1 redundant power supplies.
Conventional power supply housekeeping features, such as remote
and local voltage sense and primary and secondary side current
sense, are included. An extensive set of protections is offered,
including overvoltage protection (OVP), overcurrent protection
(OCP), overtemperature protection (OTP), undervoltage protec-
tion (UVP), ground continuity monitoring (voltage continuity),
and ac sense.
All these features are programmable through the I2C bus inter-
face. This bus interface is also used to calibrate the power supply.
Other information that is useful for power monitoring, such as
input current, output current, and fault flags, is also available
through the I2C bus interface.
The internal EEPROM can store all programmed values and
allows standalone control without a microcontroller. A free,
downloadable GUI is available and provides all the necessary
software to program the ADP1046A. To obtain the latest software
and a user guide, visit http://www.analog.com/digitalpower.
The ADP1046A operates from a single 3.3 V supply and is
specified from −40°C to +125°C.
RES
VS3–
VS3+
PGOOD1
VDD
OUTA
OUTB
SR1
SR2
OUTC
OUTD
CS1
PSON
SCL
SDA
VCORE
AGND
OUTAUX
PGOOD2
SHAREi
FLAGIN
DGND
RTD
ADD
ADC
ADC
ADC
ADC
ADC
UVLO
PWM
ENGINE
VREF
LDO
ADC
ADC
8kB
EEPROM
DIGITAL
CORE
I2C
INTERFACE
PWM
OSC
1.2V
+ –
0.45V
+
V_OVP
SHAREo
ADP1046A
Figure 13. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com