Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 75 of 88
SOFT START FILTER PROGRAMMING REGISTERS
Table 105. Register 0x71—Soft Start Digital Filter LF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response during soft start. The LF
gain is programmable over a 20 dB range (see Figure 58).
Table 106. Register 0x72—Soft Start Digital Filter Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero during soft start (see Figure 58).
Table 107. Register 0x73—Soft Start Digital Filter Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Pole location
R/W
This register determines the position of the final pole during soft start (see Figure 58).
Table 108. Register 0x74—Soft Start Digital Filter HF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response during soft start. The HF
gain is programmable over a 20 dB range (see Figure 58).
EXTENDED FUNCTIONS REGISTERS
Table 109. Register 0x75—Voltage Line Feedforward
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Disable feedforward
during soft start
R/W
If voltage line feedforward is enabled, this bit disables it during the reference ramp-up (soft start).
This operation is gated by the filter GO bit (Register 0x7F[3]).
0 = feedforward enabled during soft start (recommended setting).
1 = feedforward disabled during soft start.
2
Feedforward enable
R/W
This bit enables the voltage line feedforward loop. This operation is gated by the filter GO bit
(Register 0x7F[3]).
0 = feedforward disabled.
1 = feedforward enabled.
[1:0]
Gain setting
R/W
These bits set the gain for the voltage feedforward function.
Bit 1
Bit 0
Gain
0
0
1
0
1
0.875
1
0
0.75
1
1
0.5
Table 110. Register 0x76—Volt-Second Balance Settings (OUTA and OUTB Pins)
Bits
Bit Name
R/W
Description
7
Modulate enable, t
1
R/W
Setting this bit enables modulation from balance control on the OUTA rising edge, t
1. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
6
t
1 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
1 right.
1 = negative sign. Increase of balance control modulation moves t
1 left.
5
Modulate enable, t
2
R/W
Setting this bit enables modulation from balance control on the OUTA falling edge, t
2. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
4
t
2 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
2 right.
1 = negative sign. Increase of balance control modulation moves t
2 left.
3
Modulate enable, t
3
R/W
Setting this bit enables modulation from balance control on the OUTB rising edge, t
3. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com