Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 62 of 88
Table 59. Register 0x3B—Light Load Mode Disable Settings
Bits
Bit Name
R/W
Description
7
Disable OUTAUX
R/W
Setting this bit means that OUTAUX is also disabled if the load current falls below the light load SR
disable threshold.
6
Disable OUTD
R/W
Setting this bit means that OUTD is also disabled if the load current falls below the light load SR
disable threshold.
5
Disable OUTC
R/W
Setting this bit means that OUTC is also disabled if the load current falls below the light load SR
disable threshold.
4
Disable OUTB
R/W
Setting this bit means that OUTB is also disabled if the load current falls below the light load SR
disable threshold.
3
Disable OUTA
R/W
Setting this bit means that OUTA is also disabled if the load current falls below the light load SR
disable threshold.
[2:0]
Light load SR
disable
R/W
These bits set the load current limit on the CS2 ADC below which the synchronous rectifier outputs
(SR1 and SR2) are disabled. This value also determines the point at which the power supply goes into
light load mode and the light load mode filter is used. This value is programmable as a percentage of
the CS2 ADC full scale (either 60 mV or 120 mV). The hysteresis and the averaging speed are programmable
in Register 0x7D.
Light Load Threshold as % of Full Scale
Bit 2
Bit 1
Bit 0
37.5 µs
75 µs
150 µs
300 µs
0
0
0
0%
0%
0%
0%
0
0
1
7.81%
3.91%
1.95%
0.98%
0
1
0
15.63%
7.81%
3.91%
1.95%
0
1
1
23.44%
11.72%
5.86%
2.93%
1
0
0
31.25%
15.63%
7.81%
3.91%
1
0
1
39.06%
19.53%
9.77%
4.88%
1
1
0
46.88%
23.44%
11.72%
5.86%
1
1
1
54.69%
27.34%
13.67%
6.84%
ID REGISTERS
Table 60. Register 0x3C—Silicon Revision ID
Bits
Bit Name
R/W
Description
[7:0]
Silicon revision
R
This register contains the manufacturer’s silicon revision code for the device. This value is used by the
manufacturer for tracking purposes.
Table 61. Register 0x3D—Manufacturer ID
Bits
Bit Name
R/W
Description
[7:0]
Manufacturer ID
code
R
This register contains the manufacturer’s ID code for the device. It is used by the manufacturer for test
purposes and should not be read from in normal operation. This value is hardwired to 0x41 to
represent the Analog Devices ID code.
Table 62. Register 0x3E—Device ID
Bits
Bit Name
R/W
Description
[7:0]
Device ID code
R
This register contains the ID code for the device. This value is hardwired to 0x46 to represent the
ADP1046A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com