Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 10 of 88
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VS2
2
AGND
3
VS1
4
CS2–
5
CS2+
6
ACSNS
7
CS1
8
PGND
24 SHAREi
23 SHAREo
22 PGOOD1
21 PGOOD2
20 FLAGIN
19 PSON
18 SDA
17 SCL
ADP1046A
TOP VIEW
(Not to Scale)
NOTES
1. THE ADP1046A HAS AN EXPOSED THERMAL PAD ON THE UNDERSIDE OF
THE PACKAGE. FOR INCREASED RELIABILITY OF THE SOLDER JOINTS
AND MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED THAT THE
PAD BE SOLDERED TO THE PCB AGND PLANE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VS2
Power Supply Output Voltage Sense Input. This signal is referenced to PGND and is the input to a low frequency
Σ-Δ ADC. Nominal voltage at this pin should be 1 V. The resistor divider on this input must have a tolerance
specification of 0.5% or better to allow for trimming.
2
AGND
Analog Ground. This pin is the ground for the analog circuitry and the return for the VDD pin of the ADP1046A.
3
VS1
Local Output Voltage Sense Input. This signal is referenced to PGND. Nominal voltage at this pin should be 1 V.
The resistor divider on this input must have a tolerance specification of 0.5% or better to allow for trimming.
4
CS2−
Inverting Differential Current Sense Input. Nominal voltage at this pin should be 1 V for best operation. When
using low-side current sensing, place a 5 kΩ resistor between the sense resistor and this pin. When using high-
side current sensing in a 12 V application, place a 5.5 kΩ resistor between the sense resistor and this pin. When
using high-side current sensing with a voltage other than 12 V, use the following formula to calculate the
resistor value: R = (V
OUT − 1)/2 mA. A 0.1% resistor must be used to connect this circuit. If this pin is not used,
connect it to PGND and set CS2± to high-side current sense mode (set Bit 2 of Register 0x27). It is recommended
that a 500 pF to 1000 pF capacitor be connected either across the resistor or from this pin to AGND.
5
CS2+
Noninverting Differential Current Sense Input. Nominal voltage at this pin should be 1 V for best operation.
When using low-side current sensing, place a 5 kΩ resistor between the sense resistor and this pin. When using
high-side current sensing in a 12 V application, place a 5.5 kΩ resistor between the sense resistor and this pin.
When using high-side current sensing with a voltage other than 12 V, use the following formula to calculate the
resistor value: R = (V
OUT − 1)/2 mA. A 0.1% resistor must be used to connect this circuit. If this pin is not used,
connect it to PGND and set CS2± to high-side current sense mode (set Bit 2 of Register 0x27). It is recommended
that a 500 pF to 1000 pF capacitor be connected either across the resistor or from this pin to AGND.
6
ACSNS
AC Sense Input. This input is connected upstream of the main output inductor through a resistor divider
network. The nominal voltage for this circuit is 0.45 V. This pin is also connected to the voltage feedforward
ADC (nominal voltage 1 V). This signal is referenced to PGND.
7
CS1
Primary Side Current Sense Input. This pin is connected to the primary side current sensing ADC and to the fast
OCP comparator. This signal is referenced to PGND. The resistors on this input must have a tolerance specification
of 0.5% or better to allow for trimming. If this pin is not used, connect it to PGND.
8
PGND
Power Ground. This pin is the ground connection for the main power rail of the power supply and is the
reference for all voltage and current sensing other than CS2± and VS3±. Star connect to AGND.
9
SR1
Synchronous Rectifier Output. This PWM output connects to the input of a FET driver. This signal is referenced
to AGND. This pin can be disabled when not in use.
10
SR2
Synchronous Rectifier Output. This PWM output connects to the input of a FET driver. This signal is referenced
to AGND. This pin can be disabled when not in use.
11
OUTA
PWM Output for Primary Side Switch. This signal is referenced to AGND. This pin can be disabled when not in use.
12
OUTB
PWM Output for Primary Side Switch. This signal is referenced to AGND. This pin can be disabled when not in use.
13
OUTC
PWM Output for Primary Side Switch. This signal is referenced to AGND. This pin can be disabled when not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com