Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 49 of 88
Table 10. Register 0x02—Fault Register 3 and Register 0x06—Latched Fault Register 3 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
OTP
R
Temperature is above OTP limit.
0x2F
Programmable
6
Fast OVP
R
Fast OVP threshold was exceeded.
0x37
Programmable
5
Share bus
R
Current share is outside regulation limit.
0x2A
Programmable
4
Constant current
R
Power supply is operating in constant current mode (constant
current mode is enabled).
0x27
None
3
Soft start
R
The reference is being ramped.
None
2
Line impedance
R
Line impedance between VS2 and VS3± is above limit.
0x35
None
1
Soft start filter
R
The soft start filter is in use.
0x5F
None
0
External flag
R
The external flag pin (FLAGIN) is set.
Programmable
Table 11. Register 0x03—Fault Register 4 and Register 0x07—Latched Fault Register 4 (1 = Fault, 0 = Normal Operation)
Bits
Bit Name
R/W
Description
Register
Action
7
Volt-second balance
R
Volt-second balance is at its maximum or minimum limit.
None
6
Modulation
R
Modulation is at its maximum or minimum limit.
0x2E
None
5
Reserved
R
Reserved.
None
4
Light load mode
R
The system is in light load mode.
0x3B
None
3
Reserved
R
Reserved.
None
2
ACSNS
R
The ac sense (comparator) amplitude is not correct.
Programmable
1
CRC fault
R
The EEPROM contents downloaded are incorrect.
Immediate shutdown
0
EEPROM unlocked
R
The EEPROM is unlocked.
None
Table 12. Register 0x08 to Register 0x0D—Fault Configuration Registers
Register Name
Address
Bits
Flag
Shutdown Debounce
Fault Configuration Register 1
0x08
[7:4]
CS1 fast OCP
See Register 0x27 in Table 39
[3:0]
CS1 accurate OCP
See Register 0x0E in Table 14
Fault Configuration Register 2
0x09
[7:4]
CS2 accurate OCP
See Register 0x0E in Table 14
[3:0]
Load OVP (VS2 or VS3)
2 ms
Fault Configuration Register 3
0x0A
[7:4]
Local accurate OVP (VS1)
and fast OVP (VS1)
2 ms (see Register 0x37
in Table 55)
[3:0]
External flag input (FLAGIN)
10 ms
Fault Configuration Register 4
0x0B
[7:4]
OTP
100 ms
[3:0]
UVP
10 ms
Fault Configuration Register 5
0x0C
[7:4]
CS2 reverse voltage
10 ms
[3:0]
Voltage continuity
100 ms
Fault Configuration Register 6
0x0D
[7:4]
Share bus
100 ms
[3:0]
ACSNS
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com