Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 67 of 88
Table 69. Register 0x45—OUTB Rising Edge Timing (OUTB Pin)
Bits
Bit Name
R/W
Description
[7:0]
t
3
R/W
This register contains the eight MSBs of the 12-bit t
3 time. This value is always used with the top
four bits of Register 0x46, which contains the four LSBs of the t
3 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
Table 70. Register 0x46—OUTB Rising Edge Setting (OUTB Pin)
Bits
Bit Name
R/W
Description
[7:4]
t
3
R/W
These bits contain the four LSBs of the 12-bit t
3 time. This value is always used with the eight
bits of Register 0x45, which contains the eight MSBs of the t
3 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
3
Modulate enable
R/W
1 = PWM modulation acts on the t
3 edge.
0 = no PWM modulation of the t
3 edge.
2
t
3 sign
R/W
1 = negative sign. Increase of PWM modulation moves t
3 right.
0 = positive sign. Increase of PWM modulation moves t
3 left.
1
Reserved
R/W
Reserved.
0
Volt-second balance
source selection
R/W
If this bit is set to 1, the OUTB rising edge is selected as the start of the integration period for
volt-second balance.
Table 71. Register 0x47—OUTB Falling Edge Timing (OUTB Pin)
Bits
Bit Name
R/W
Description
[7:0]
t
4
R/W
This register contains the eight MSBs of the 12-bit t
4 time. This value is always used with the top
four bits of Register 0x48, which contains the four LSBs of the t
4 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
Table 72. Register 0x48—OUTB Falling Edge Setting (OUTB Pin)
Bits
Bit Name
R/W
Description
[7:4]
t
4
R/W
These bits contain the four LSBs of the 12-bit t
4 time. This value is always used with the eight
bits of Register 0x47, which contains the eight MSBs of the t
4 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.
3
Modulate enable
R/W
1 = PWM modulation acts on the t
4 edge.
0 = no PWM modulation of the t
4 edge.
2
t
4 sign
R/W
1 = negative sign. Increase of PWM modulation moves t
4 right.
0 = positive sign. Increase of PWM modulation moves t
4 left.
[1:0]
Reserved
R/W
Reserved.
Table 73. Register 0x49—OUTC Rising Edge Timing (OUTC Pin)
Bits
Bit Name
R/W
Description
[7:0]
t
5
R/W
This register contains the eight MSBs of the 12-bit t
5 time. This value is always used with the top
four bits of Register 0x4A, which contains the four LSBs of the t
5 time. Each LSB corresponds to
5 ns resolution. The entire switching period is divided into 40 ns time steps. If the t
Rx and tFx of a
PWM edge occur within the same 40 ns time step, the PWM output is 0 V. If the t
Rx and tFx occur
in different 40 ns time steps, the PWM output is set to the programmed value. The absolute
maximum pulse width is t
PERIOD − 5 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com